Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7763ARS Datasheet(PDF) 16 Page - Analog Devices

Part # ADE7763ARS
Description  Single-Phase Active and Apparent Energy Metering IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7763ARS Datasheet(HTML) 16 Page - Analog Devices

Back Button ADE7763ARS Datasheet HTML 12Page - Analog Devices ADE7763ARS Datasheet HTML 13Page - Analog Devices ADE7763ARS Datasheet HTML 14Page - Analog Devices ADE7763ARS Datasheet HTML 15Page - Analog Devices ADE7763ARS Datasheet HTML 16Page - Analog Devices ADE7763ARS Datasheet HTML 17Page - Analog Devices ADE7763ARS Datasheet HTML 18Page - Analog Devices ADE7763ARS Datasheet HTML 19Page - Analog Devices ADE7763ARS Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 56 page
background image
ADE7763
Rev. A | Page 16 of 56
Zero-crossing detection also drives the ZX flag in the interrupt
status register. An active low in the IRQ output appears if the
corresponding bit in the interrupt enable register is set to Logic 1.
The flag in the interrupt status register and the IRQ output are
set to their default values when reset (RSTSTATUS) is read in
the interrupt status register.
Zero-Crossing Timeout
Zero-crossing detection has an associated timeout register,
ZXTOUT. This unsigned, 12-bit register is decremented (1 LSB)
every 128/CLKIN seconds. The register is reset to its user-
programmed, full-scale value when a zero crossing on Channel 2
is detected. The default power-on value in this register is 0xFFF.
If the internal register decrements to 0 before a zero crossing is
detected and the DISSAG bit in the mode register is Logic 0, the
SAG pin will go active low. The absence of a zero crossing is
also indicated on the IRQ pin if the ZXTO enable bit in the
interrupt enable register is set to Logic 1. Irrespective of the
enable bit setting, the ZXTO flag in the interrupt status register
is always set when the internal ZXTOUT register is
decremented to 0—see the Interrupts section.
The ZXOUT register, Address 0x1D, can be written to and read
from by the user—see the Serial Interface section. The
resolution of the register is 128/CLKIN seconds per LSB;
therefore, the maximum delay for an interrupt is 0.15 seconds
(128/CLKIN × 212).
Figure 33 shows the zero-crossing timeout detection when the
line voltage stays at a fixed dc level for more than CLKIN/128 ×
ZXTOUT seconds.
12-BIT INTERNAL
REGISTER VALUE
ZXTOUT
CHANNEL 2
ZXTO
DETECTION
BIT
Figure 33. Zero-Crossing Timeout Detection
PERIOD MEASUREMENT
The ADE7763 provides the period measurement of the line.
The PERIOD register is an unsigned, 16-bit register that is
updated every period and always has an MSB of zero.
When CLKIN = 3.579545 MHz, the resolution of this register is
2.2 ms/LSB, which represents 0.013% when the line frequency is
60 Hz. When the line frequency is 60 Hz, the value of the
period register is approximately 7457d. The length of the register
enables the measurement of line frequencies as low as 13.9 Hz.
The period register is stable at ±1 LSB when the line is established
and the measurement does not change. This filter is associated
with a settling time of 1.8 seconds before the measurement is
stable. See the Calibrating an Energy Meter section for more on
the period register.
POWER SUPPLY MONITOR
The ADE7763 contains an on-chip power supply monitor. The
analog supply (AVDD) is continuously monitored. If the supply
is less than 4 V ± 5%, the ADE7763 will go into an inactive state
and no energy will accumulate. This is useful to ensure correct
device operation during power-up and power-down stages. In
addition, built-in hysteresis and filtering help prevent false
triggering due to noisy supplies.
AVDD
5V
4V
0V
ADE7763
POWER-ON
INACTIVE
STATE
SAG
INACTIVE
ACTIVE
INACTIVE
TIME
Figure 34. On-Chip Power Supply Monitor
As seen in Figure 34, the trigger level is nominally set at 4 V.
The tolerance on this trigger level is about ±5%. The SAG pin
can also be used as a power supply monitor input to the MCU.
The SAG pin goes logic low when the ADE7763 is in its inactive
state. The power supply and decoupling for the part should be
such that the ripple at AVDD does not exceed 5 V ± 5%, as
specified for normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com