Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7763ARS Datasheet(PDF) 25 Page - Analog Devices

Part # ADE7763ARS
Description  Single-Phase Active and Apparent Energy Metering IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7763ARS Datasheet(HTML) 25 Page - Analog Devices

Back Button ADE7763ARS Datasheet HTML 21Page - Analog Devices ADE7763ARS Datasheet HTML 22Page - Analog Devices ADE7763ARS Datasheet HTML 23Page - Analog Devices ADE7763ARS Datasheet HTML 24Page - Analog Devices ADE7763ARS Datasheet HTML 25Page - Analog Devices ADE7763ARS Datasheet HTML 26Page - Analog Devices ADE7763ARS Datasheet HTML 27Page - Analog Devices ADE7763ARS Datasheet HTML 28Page - Analog Devices ADE7763ARS Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 56 page
background image
ADE7763
Rev. A | Page 25 of 56
FREQUENCY (Hz)
0.4
54
56
58
60
62
64
66
0.3
0.2
0.1
0.0
–0.1
–0.2
–0.3
–0.4
Figure 52. Combined Gain Response of HPF and Phase Compensation
ACTIVE POWER CALCULATION
Power is defined as the rate of energy flow from the source to
the load. It is defined as the product of the voltage and current
waveforms. The resulting waveform is called the instantaneous
power signal and is equal to the rate of energy flow at any given
time. The unit of power is the watt or joules/s. Equation 9 gives
an expression for the instantaneous power signal in an ac system.
)
sin(ω
2
)
(
t
V
t
v
×
=
(7)
)
sin(ω
2
)
(
t
I
t
i
×
=
(8)
where:
V is the rms voltage.
I is the rms current.
)
(
)
(
)
(
t
i
t
v
t
p
×
=
)
2
cos(
)
(
t
VI
VI
t
p
ω
−
=
(9)
The average power over an integral number of line cycles (n) is
given by the expression in Equation 10.
∫
=
=
nT
VI
dt
t
p
nT
P
0
)
(
1
(10)
where:
T is the line cycle period.
P is the active or real power.
Note that the active power is equal to the dc component of the
instantaneous power signal
p(t) in Equation 8, i.e., VI. This is
the relationship used to calculate active power in the ADE7763.
The instantaneous power signal
p(t) is generated by multiplying
the current and voltage signals. The dc component of the instan-
taneous power signal is then extracted by LPF2 (low-pass filter)
to obtain the active power information. This process is illustrated
in Figure 53.
INSTANTANEOUS
POWER SIGNAL
p(t) = v
× i-v × i × cos(2ωt)
ACTIVE REAL POWER
SIGNAL = v
× i
0x19 999A
VI
0xC CCCD
0x0 0000
CURRENT
i(t) = 2
× i × sin(ωt)
VOLTAGE
v(t) = 2
× v × sin(ωt)
Figure 53. Active Power Calculation
Because LPF2 does not have an ideal “brick wall” frequency
response (see Figure 54), the active power signal has some
ripple due to the instantaneous power signal. This ripple is
sinusoidal and has a frequency equal to twice the line frequency.
Because the ripple is sinusoidal in nature, it is removed when the
active power signal is integrated to calculate energy—see the
Energy Calculation section.
FREQUENCY (Hz)
–24
1
–20
3
10
30
100
–12
–16
–8
–4
0
Figure 54. Frequency Response of LPF2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com