Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7763ARS Datasheet(PDF) 38 Page - Analog Devices

Part # ADE7763ARS
Description  Single-Phase Active and Apparent Energy Metering IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7763ARS Datasheet(HTML) 38 Page - Analog Devices

Back Button ADE7763ARS Datasheet HTML 34Page - Analog Devices ADE7763ARS Datasheet HTML 35Page - Analog Devices ADE7763ARS Datasheet HTML 36Page - Analog Devices ADE7763ARS Datasheet HTML 37Page - Analog Devices ADE7763ARS Datasheet HTML 38Page - Analog Devices ADE7763ARS Datasheet HTML 39Page - Analog Devices ADE7763ARS Datasheet HTML 40Page - Analog Devices ADE7763ARS Datasheet HTML 41Page - Analog Devices ADE7763ARS Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 56 page
background image
ADE7763
Rev. A | Page 38 of 56
WGAIN is calculated to be 480 using Equation 43.
WGAIN = INT
480
2
1
17174
19186
12
=
⎟
⎠
⎞
⎜
⎝
⎛
×
⎟
⎠
⎞
⎜
⎝
⎛
−
Note that WGAIN is a signed, twos complement register.
With
WDIV and CFNUM set to 0, LAENERGY can be
expressed as
LAENERGYIB(expected) =
))
1
(
/
8
2
/
(
)
(
+
×
×
×
×
CFDEN
CLKIN
PERIOD
LINECYC
CF
INT
IB
expected
IB
The calculated Wh/LSB ratio for the active energy register,
using Equation 35 is 6.378 × 10−4 is
4
10
378
.
6
imp/Wh
200
.
3
)
1
489
(
1
LSB
Wh
−
×
=
+
=
Watt Offset
Offset calibration allows outstanding performance over a wide
dynamic range, for example, 1000:1. To do this calibration two
measurements are needed at unity power factor, one at Ib and
the other at the lowest current to be corrected. Either calibra-
tion frequency or line cycle accumulation measurements can be
used to determine the energy offset. Gain calibration should be
performed prior to offset calibration.
Offset calibration is performed by determining the active energy
error rate. After determining the active energy error rate, calcu-
late the value to write to the APOS register to correct the offset.
APOS = −
CLKIN
Rate
Error
AENERGY
35
2
×
(45)
The AENERGY registers update at a rate of CLKIN/4. The twos
complement APOS register provides a fine adjustment to the
active power calculation. It represents a fixed amount of power
offset to be adjusted every CLKIN/4. The 8 LSBs of the APOS
register are fractional such that one LSB of APOS represents
1/256 of the least significant bit of the internal active energy
register. Therefore, one LSB of the APOS register represents 2−33
of the AENERGY[23:0] active energy register.
See the following sections for steps to determine the active
energy error rate for both line accumulation and reference
meter calibration options.
Calibrating Watt Offset Using a Reference Meter Example
Figure 73 shows the steps involved in calibrating watt offset
with a reference meter.
WRITE APOS VALUE TO THE APOS
REGISTER: ADDR. 0x11
MEASURE THE % ERROR BETWEEN THE
CF OUTPUT AND THE REFERENCE METER
OUTPUT, AND THE LOAD IN WATTS
SET ITEST = IMIN, VTEST = VNOM, PF = 1
CALCULATE APOS. SEE EQUATION 45.
Figure 73. Calibrating Watt Offset Using a Reference Meter
For this example:
Meter Constant:
MeterConstant(imp/Wh) = 3.2
Minimum Current:
IMIN = 40 mA
Load at Minimum Current:
WIMIN = 9.6 W
CF Error at Minimum Current: %
ERRORCF(IMIN) = 1.3%
CF Numerator:
CFNUM = 0
CF Denominator:
C
DEN = 489
Clock Frequency:
C
KIN = 3.579545 MHz
Using Equation 45,
APOS is −522 for this example.
CF Absolute Error = CFIMIN(nominal) − CFIMIN(expected)
(46)
CF Absolute Error =
(%
ERRORCF(IMIN)) × WIMIN ×
3600
(imp/Wh)
ant
MeterConst
(47)
CF Absolute Error =
Hz
000110933
.
0
3600
200
.
3
6
.
9
100
%
3
.
1
=
×
×
⎟
⎠
⎞
⎜
⎝
⎛
Then,
AENERGY Error Rate (LSB/s) =
CF Absolute Error ×
1
1
+
+
CFNUM
CFDEN
(48)
AENERGY Error Rate (LSB/s) =
0.000110933 ×
05436
.
0
1
490 =
Using Equation 45, APOS is −522.
APOS = −
522
10
579545
.
3
2
05436
.
0
6
35
−
=
×
×
APOS can be represented as follows with CFNUM and WDIV
set at 0:
APOS =
−
CLKIN
CFDEN
ant
MeterConst
W
ERROR
IMIN
IMIN
CF
35
)
(
2
)
1
(
3600
(imp/Wh)
)
(%
×
+
×
×
×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com