Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7763ARS Datasheet(PDF) 37 Page - Analog Devices

Part # ADE7763ARS
Description  Single-Phase Active and Apparent Energy Metering IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7763ARS Datasheet(HTML) 37 Page - Analog Devices

Back Button ADE7763ARS Datasheet HTML 33Page - Analog Devices ADE7763ARS Datasheet HTML 34Page - Analog Devices ADE7763ARS Datasheet HTML 35Page - Analog Devices ADE7763ARS Datasheet HTML 36Page - Analog Devices ADE7763ARS Datasheet HTML 37Page - Analog Devices ADE7763ARS Datasheet HTML 38Page - Analog Devices ADE7763ARS Datasheet HTML 39Page - Analog Devices ADE7763ARS Datasheet HTML 40Page - Analog Devices ADE7763ARS Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 56 page
background image
ADE7763
Rev. A | Page 37 of 56
WRITE WGAIN VALUE TO THE WGAIN
REGISTER: ADDR. 0x12
CALCULATE CFDEN VALUE FOR DESIGN
WRITE CFDEN VALUE TO CFDEN REGISTER
ADDR. 0x15 = CFDEN
SET HALF LINE CYCLES FOR ACCUMULATION
IN LINECYC REGISTER ADDR. 0x1C
SET ITEST = Ib, VTEST = VNOM, PF = 1
CALCULATE WGAIN. SEE EQUATION 43.
SET MODE FOR LINE CYCLE
ACCUMULATION ADDR. 0x09 = 0x0080
ENABLE LINE CYCLE ACCUMULATION
INTERRUPT ADDR. 0x0A = 0x04
READ LINE ACCUMULATION ENERGY
ADDR. 0x04
RESET THE INTERRUPT STATUS
READ REGISTER ADDR. 0x0C
INTERRUPT?
NO
NO
YES
YES
RESET THE INTERRUPT STATUS
READ REGISTER ADDR. 0x0C
INTERRUPT?
Figure 72. Calibrating Watt Gain Using an Accurate Source
Equation 43 describes the relationship between the expected
LAENERGY value and the LAENERGY measured in the test
condition:
WGAIN = INT
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
×
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
−
12
)
(
)
(
2
1
nominal
IB
expected
IB
LAENERGY
LAENERGY
(43)
The nominal LAENERGY reading, LAENERGYIB(nominal), is the
LAENERGY reading with the test current applied. The expected
LAENERGY reading is calculated from the following equation:
LAENERGYIB(expected) =
INT
⎟
⎟
⎟
⎟
⎟
⎠
⎞
⎜
⎜
⎜
⎜
⎜
⎝
⎛
×
+
+
×
WDIV
CFDEN
CFNUM
Time
on
Accumulati
CF
expected
IB
1
1
(s)
)
(
(44)
where CFIB(expected) (Hz) is calculated from Equation 30,
accumulation time is calculated from Equation 33, and the line
period is determined from the period register according to
Equation 34.
For this example:
Meter Constant:
MeterConstant(imp/Wh) = 3.2
Test Current:
Ib = 10 A
Line Voltage:
Vnominal = 220 V
Line Frequency:
fl = 50 Hz
Half Line Cycles:
LINECYCIB = 2000
CF Numerator:
CFNUM = 0
CF Denominator:
CFDEN = 489
Energy Reading at Base Current:
LAENERGYIB (nominal) = 17174
Period Register Reading:
PERIOD = 8959
Clock Frequency:
CLKIN = 3.579545 MHz
CFexpected is calculated to be 1.9556 Hz according to Equation 30.
LAENERGYexpected is calculated to be 19186 using Equation 44.
CFIB(expected)(Hz) =
)
cos(
s/h
3600
A
10
V
220
imp/Wh
200
.
3
ϕ
×
×
×
= 1.9556 Hz
LAENERGYIB(expected) =
INT
⎟
⎟
⎟
⎟
⎟
⎠
⎞
⎜
⎜
⎜
⎜
⎜
⎝
⎛
×
+
+
×
×
×
WDIV
CFDEN
CFNUM
CLKIN
PERIOD
LINECYC
CF
IB
expected
IB
1
1
/
8
2
/
)
(
LAENERGYIB(expected) =
INT
1
1
489
1
)
10
579545
.
3
/(
8
8959
2
/
2000
9556
.
1
6
⎟
⎟
⎟
⎟
⎠
⎞
⎜
⎜
⎜
⎜
⎝
⎛
+
×
×
×
×
=
19186
)
4
.
19186
(
=
INT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com