Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7763ARS Datasheet(PDF) 40 Page - Analog Devices

Part # ADE7763ARS
Description  Single-Phase Active and Apparent Energy Metering IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7763ARS Datasheet(HTML) 40 Page - Analog Devices

Back Button ADE7763ARS Datasheet HTML 36Page - Analog Devices ADE7763ARS Datasheet HTML 37Page - Analog Devices ADE7763ARS Datasheet HTML 38Page - Analog Devices ADE7763ARS Datasheet HTML 39Page - Analog Devices ADE7763ARS Datasheet HTML 40Page - Analog Devices ADE7763ARS Datasheet HTML 41Page - Analog Devices ADE7763ARS Datasheet HTML 42Page - Analog Devices ADE7763ARS Datasheet HTML 43Page - Analog Devices ADE7763ARS Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 56 page
background image
ADE7763
Rev. A | Page 40 of 56
mpensates for phase error by inserting a small
time delay or advance on the voltage channel input. Phase leads
up to 1.84° and phase lags up to 0.72° at 50 Hz can be corrected.
The error is determined by measuring the active energy at IB and
two power factors, PF = 1 and PF = 0.5 inductive.
Some CTs may introduce large phase errors that are beyond the
range of the phase calibration register. In this case, coarse phase
compensation has to be done externally with an analog filter.
The phase error can be obtained from either CF or LAENERGY
measurements:
Error =
Phase Calibration
The PHCAL register is provided to remove small phase errors.
The ADE7763 co
2
2
)
(
)
(
5
.
0
,
expected
IB
expected
IB
PF
IB
LAENERGY
LAENERGY
LAENERGY
−
=
(52)
If watt gain and offset calibration have been performed, there
should be 0% error in CF at unity power factor, and then
Error = %ERRORCF(IB,PF = 0.5)/100
(53)
The phase error is
Phase Error (°) = −Arcsin
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
3
Error
(54)
The relationship between phase error and the PHCAL phase
correction register is
PHCAL = INT
()
+
⎟
⎠
⎞
⎜
⎝
⎛
°
×
°
360
PERIOD
Error
Phase
0x0D
(55)
The expression for PHCAL can be simplified using the
assumption that at small x
Arcsin(x) ≈ x
d in the voltage channel by PHCAL is
AL − 0x0D) × 8/
s a time delay if
sit e, b
ts a time advance if this
ve
he is
f PHCAL = 0x0D.
ction of the
)
The delay introduce
Delay = (PHC
CLKIN
(56)
The delay associated with the PHCAL register i
PHCAL − 0x0D is po iv
ut represen
quantity is negati . T re
no time delay i
The phase correction is in the opposite dire
phase error.
Phase Correction (°) = − (PHCAL − 0x0D
PER
Calibrating Phase Using a Reference Meter Example
A power factor of 0.5 inductive can be assumed if the
output rate of the reference meter is half of its PF
r
Then, the percent error between CF and the pulse output o
IOD
°
× 360
(57)
pulse
= 1 ate.
f
r ca
the reference mete
n be used to perform the preceding
calculations.
WRITE PHCAL VALUE TO THE PHCAL
REGISTER: ADDR. 0x10
MEASURE THE % ERROR BETWEEN
THE CF OUTPUT AND THE
REFERENCE METER OUTPUT
SET ITEST = Ib, VTEST = VNOM, PF = 0.5
CALCULATE PHCAL. SEE EQUATION 55.
Figure 75. Calibrating Phase Using a Reference Meter
For this example:
CF %ERROR at PF = 0.5 Inductive: %ERRORCF(IB,PF = 0.5) = 0.215%
PERIOD Register Reading:
PERIOD = 8959
Then PHCAL is 11 using Equations 57 through 59:
Error = 0.215%/100 = 0.00215
Phase Error (°) = −Arcsin
°
−
=
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
07
.
0
3
00215
.
0
PHCAL = INT
⎟
⎠
⎞
⎜
⎝
⎛
°
×
°
−
360
8959
07
.
0
+0x0D = −2 + 13 = 11
PHCAL can be expressed as follows:
PHCAL =
INT
⎟⎟
⎞
⎜⎜
⎛
π
×
⎟⎟
⎞
⎜⎜
⎛
×
−
2
3
100
%
Arcsin
PERIOD
ERROR
+
(58)
⎠
⎝
⎠
⎝
0x0D
Note that PHCAL is a signed, twos complement register.
Setting the PHCAL register to 11 provides a phase correction
of 0.08° t
Phase Correction (°) = −
o correct the phase lead:
PERIOD
PHCAL
°
×
−
360
)
0x0D
(
Phase Corr
°
=
°
×
−
08
.
0
8960
360
)
0x0D
11
(
ection (°) = −



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com