Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7763ARS Datasheet(PDF) 46 Page - Analog Devices

Part # ADE7763ARS
Description  Single-Phase Active and Apparent Energy Metering IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7763ARS Datasheet(HTML) 46 Page - Analog Devices

Back Button ADE7763ARS Datasheet HTML 42Page - Analog Devices ADE7763ARS Datasheet HTML 43Page - Analog Devices ADE7763ARS Datasheet HTML 44Page - Analog Devices ADE7763ARS Datasheet HTML 45Page - Analog Devices ADE7763ARS Datasheet HTML 46Page - Analog Devices ADE7763ARS Datasheet HTML 47Page - Analog Devices ADE7763ARS Datasheet HTML 48Page - Analog Devices ADE7763ARS Datasheet HTML 49Page - Analog Devices ADE7763ARS Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 56 page
background image
ADE7763
Rev. A | Page 46 of 56
Serial Read Operation
During a data read operation from the ADE7763, data is shifted
out at the DOUT logic output upon the rising edge of SCLK. As
is the case with the data write operation, a write to the commu-
nication register must precede a data read.
With the ADE7763 in communication mode (CS logic low),
first an 8-bit write to the communication register occurs. The
MSB of this byte transfer is a 0, indicating that the next data
transfer operation is a read. The LSBs of this byte contain the
address of the register that is to be read. The ADE7763 starts
shifting data out of the register upon the next rising edge of
SCLK—see Figure 85. At this point, the DOUT logic output
leaves its high impedance state and starts driving the data bus.
All remaining bits of register data are shifted out upon subse-
quent SCLK rising edges. The serial interface also enters commu-
nication mode as soon as the read is complete. Then, the DOUT
logic output enters a high impedance state upon the falling edge
of the last SCLK pulse. The read operation can be aborted by
bringing the CS logic input high before the data transfer is
complete. The DOUT output enters a high impedance state
upon the rising edge of CS.
When an ADE7763 register is addressed for a read operation,
the entire contents of that register are transferred to the serial
port. This allows the ADE7763 to modify its on-chip register
without the risk of corrupting data during a multibyte transfer.
Note that when a read operation follows a write operation, the
read command (i.e., write to communication register) should
not happen for at least 4 µs after the end of the write operation.
If the read command is sent within 4 µs of the write operation,
the last byte of the write operation could be lost. This timing
constraint is given as timing specification t
s
9
.
SCLK
CS
t1
t10
t13
DB0
DB7
DB0
DB7
t11
11
0
0
A4
A5
A3
A2
A1
A0
DIN
DOUT
t
t12
COMMAND BYTE
MOST SIGNIFICANT BYTE
LEAST SIGNIFICANT BYTE
t9
Figure 85. Serial Interface Read Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com