Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7763ARS Datasheet(PDF) 18 Page - Analog Devices

Part # ADE7763ARS
Description  Single-Phase Active and Apparent Energy Metering IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7763ARS Datasheet(HTML) 18 Page - Analog Devices

Back Button ADE7763ARS Datasheet HTML 14Page - Analog Devices ADE7763ARS Datasheet HTML 15Page - Analog Devices ADE7763ARS Datasheet HTML 16Page - Analog Devices ADE7763ARS Datasheet HTML 17Page - Analog Devices ADE7763ARS Datasheet HTML 18Page - Analog Devices ADE7763ARS Datasheet HTML 19Page - Analog Devices ADE7763ARS Datasheet HTML 20Page - Analog Devices ADE7763ARS Datasheet HTML 21Page - Analog Devices ADE7763ARS Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
ADE7763
Rev. A | Page 18 of 56
times the maximum absolute value observed on the Channel 2
input. The contents of IPEAK represent the maximum absolute
value observed on the Channel 1 input. Reading the RSTVPEAK
and RSTIPEAK registers clears their respective contents after
the read operation.
INTERRUPTS
Interrupts are managed through the interrupt status register
(STATUS[15:0]) and the interrupt enable register
(IRQEN[15:0]). When an interrupt event occurs, the
corresponding flag in the status register is set to Logic 1—see
the Interrupt Status Register section. If the enable bit for this
interrupt in the interrupt enable register is Logic 1, the IRQ
logic output will go active low. The flag bits in the status register
are set irrespective of the state of the enable bits.
To determine the source of the interrupt, the system master
(MCU) should perform a read from the status register with
reset (RSTSTATUS[15:0]). This is achieved by carrying out a
read from Address 0Ch. The IRQ output goes logic high after
the completion of the interrupt status register read command—
see the Interrupt Timing section. When carrying out a read
with reset, the ADE7763 is designed to ensure that no interrupt
events are missed. If an interrupt event occurs as the status
register is being read, the event will not be lost and the IRQ
logic output will be guaranteed to go high for the duration of
the interrupt status register data transfer before going logic low
again to indicate the pending interrupt. See the next section for
a more detailed description.
Using Interrupts with an MCU
Figure 38 shows a timing diagram with a suggested imple-
mentation of ADE7763 interrupt management using an MCU.
At time t1, the IRQ line goes active low, indicating that one or
more interrupt events have occurred. Tie the IRQ logic output to
a negative edge-triggered external interrupt on the MCU.
Configure the MCU to start executing its interrupt service
routine (ISR) when a negative edge is detected on the IRQ line.
After entering the ISR, disable all interrupts by using the global
interrupt enable bit. At this point, the MCU IRQ external
interrupt flag can be cleared to capture interrupt events that
occur during the current ISR. When the MCU interrupt flag is
cleared, a read from the status register with reset is carried out.
This causes the IRQ line to reset to logic high (t2)—see the
Interrupt Timing section. The status register contents are used
to determine the source of the interrupt(s) and, therefore, the
appropriate action to be taken. If a subsequent interrupt event
occurs during the ISR, that event will be recorded by the MCU
external interrupt flag being set again (t3). Upon the completion
of the ISR, the global interrupt mask is cleared (same
instruction cycle) and the external interrupt flag causes the
MCU to jump to its ISR again. This ensures that the MCU does
not miss any external interrupts.
IRQ
GLOBAL
INTERRUPT
MASK SET
ISR RETURN
GLOBAL INTERRUPT
MASK RESET
CLEAR MCU
INTERRUPT
FLAG
READ
STATUS WITH
RESET (0x05)
ISR ACTION
(BASED ON STATUS CONTENTS)
MCU
INTERRUPT
FLAG SET
MCU
PROGRAM
SEQUENCE
t1
t2
t3
JUMP
TO
ISR
JUMP
TO
ISR
Figure 37. Interrupt Management
SCLK
DIN
DOUT
IRQ
t11
t11
t9
t1
READ STATUS REGISTER COMMAND
STATUS REGISTER CONTENTS
DB7
DB7
DB0
CS
00
0
0
01
0
1
DB0
Figure 38. Interrupt Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com