Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7763ARS Datasheet(PDF) 1 Page - Analog Devices

Part # ADE7763ARS
Description  Single-Phase Active and Apparent Energy Metering IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7763ARS Datasheet(HTML) 1 Page - Analog Devices

  ADE7763ARS Datasheet HTML 1Page - Analog Devices ADE7763ARS Datasheet HTML 2Page - Analog Devices ADE7763ARS Datasheet HTML 3Page - Analog Devices ADE7763ARS Datasheet HTML 4Page - Analog Devices ADE7763ARS Datasheet HTML 5Page - Analog Devices ADE7763ARS Datasheet HTML 6Page - Analog Devices ADE7763ARS Datasheet HTML 7Page - Analog Devices ADE7763ARS Datasheet HTML 8Page - Analog Devices ADE7763ARS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
Single-Phase Active and Apparent
Energy Metering IC
ADE7763
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
High accuracy; supports IEC 61036/60687, IEC62053-21, and
IEC62053-22
On-chip digital integrator enables direct interface-to-current
sensors with di/dt output
A PGA in the current channel allows direct interface to
shunts and current transformers
Active and apparent energy, sampled waveform, and current
and voltage rms
Less than 0.1% error in active energy measurement over a
dynamic range of 1000 to 1 at 25°C
Positive-only energy accumulation mode available
On-chip user programmable threshold for line voltage surge
and SAG and PSU supervisory
Digital calibration for power, phase, and input offset
On-chip temperature sensor (±3°C typical)
SPI®-compatible serial interface
Pulse output with programmable frequency
Interrupt request pin (IRQ) and status register
Reference 2.4 V with external overdrive capability
Single 5 V supply, low power (25 mW typical)
GENERAL DESCRIPTION
The ADE77631 features proprietary ADCs and fixed function
DSP for high accuracy over large variations in environmental
conditions and time. The ADE7763 incorporates two second-
order, 16-bit Σ-∆ ADCs, a digital integrator (on Ch1), reference
circuitry, a temperature sensor, and all the signal processing
required to perform active and apparent energy measurements,
line-voltage period measurements, and rms calculation on the
voltage and current channels. The selectable on-chip digital
integrator provides direct interface to di/dt current sensors such
as Rogowski coils, eliminating the need for an external analog
integrator and resulting in excellent long-term stability and
precise phase matching between the current and the voltage
channels.
The ADE7763 provides a serial interface to read data and a
pulse output frequency (CF) that is proportional to the active
power. Various system calibration features such as channel
offset correction, phase calibration, and power calibration
ensure high accuracy. The part also detects short duration, low
or high voltage variations.
The positive-only accumulation mode gives the option to
accumulate energy only when positive power is detected. An
internal no-load threshold ensures that the part does not exhibit
any creep when there is no load. The zero-crossing output (ZX)
produces a pulse that is synchronized to the zero-crossing point
of the line voltage. This signal is used internally in the line cycle
active and apparent energy accumulation modes, which enables
faster calibration.
The interrupt status register indicates the nature of the interrupt,
and the interrupt enable register controls which event produces
an output on the IRQ pin, an open-drain, active low logic output.
The ADE7763 is available in a 20-lead SSOP package.
FUNCTIONAL BLOCK DIAGRAM
AVDD
RESET
DVDD
DGND
TEMP
SENSOR
ADC
ADC
DFC
x2
ADE7763
LPF2
MULTIPLIER
INTEGRATOR
CLKIN CLKOUT
DIN DOUT SCLK
REFIN/OUT
CS
IRQ
AGND
APOS[15:0]
VAGAIN[11:0]
VADIV[7:0]
IRMSOS[11:0]
VRMSOS[11:0]
WGAIN[11:0]
dt

REGISTERS AND
SERIAL INTERFACE
CFNUM[11:0]
CFDEN[11:0]
2.4V
REFERENCE
4k
Ω
PHCAL[5:0]
HPF1
LPF1
V1P
V1N
V2N
V2P
PGA
PGA
ZX
SAG
CF
WDIV[7:0]
%
%
Φ
x2
Figure 1.
1U.S. Patents 5,745,323; 5,760,617; 5,862,069; 5,872,469; others pending.


Similar Part No. - ADE7763ARS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE7763ARSZ AD-ADE7763ARSZ Datasheet
828Kb / 56P
Single-Phase Active and Apparent Energy Metering IC
REV. C
ADE7763ARSZRL AD-ADE7763ARSZRL Datasheet
828Kb / 56P
Single-Phase Active and Apparent Energy Metering IC
REV. C
More results

Similar Description - ADE7763ARS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE7753 AD-ADE7753 Datasheet
449Kb / 37P
Active and Apparent Energy Metering IC with di/dt sensor interface
ADE7756 AD-ADE7756 Datasheet
347Kb / 32P
Active Energy Metering IC with Serial Interface
REV.0
logo
STMicroelectronics
STPM01 STMICROELECTRONICS-STPM01 Datasheet
775Kb / 56P
Programmable single phase energy metering IC
24-Oct-2006
logo
Analog Devices
ADE7858 AD-ADE7858 Datasheet
1Mb / 76P
Poly Phase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
Rev. PrA
ADE7878 AD-ADE7878 Datasheet
1Mb / 92P
Polyphase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
REV. 0
ADE7763 AD-ADE7763_13 Datasheet
828Kb / 56P
Single-Phase Active and Apparent Energy Metering IC
REV. C
ADE7756 AD-ADE7756_15 Datasheet
797Kb / 32P
Active Energy Metering IC with Serial Interface
REV. 0
ADE7763 AD-ADE7763_15 Datasheet
828Kb / 56P
Single-Phase Active and Apparent Energy Metering IC
REV. C
logo
Sames
SA9903B SAMES-SA9903B_17 Datasheet
530Kb / 17P
Single Phase Multifunction Energy Metering IC
SA9904B SAMES-SA9904B_17 Datasheet
552Kb / 18P
Three Phase Multifunction Energy Metering IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com