Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7763ARS Datasheet(PDF) 22 Page - Analog Devices

Part # ADE7763ARS
Description  Single-Phase Active and Apparent Energy Metering IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7763ARS Datasheet(HTML) 22 Page - Analog Devices

Back Button ADE7763ARS Datasheet HTML 18Page - Analog Devices ADE7763ARS Datasheet HTML 19Page - Analog Devices ADE7763ARS Datasheet HTML 20Page - Analog Devices ADE7763ARS Datasheet HTML 21Page - Analog Devices ADE7763ARS Datasheet HTML 22Page - Analog Devices ADE7763ARS Datasheet HTML 23Page - Analog Devices ADE7763ARS Datasheet HTML 24Page - Analog Devices ADE7763ARS Datasheet HTML 25Page - Analog Devices ADE7763ARS Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
ADE7763
Rev. A | Page 22 of 56
IRMS(t)
LPF3
HPF1
CHANNEL 1
0x1C 82B3
0x00
+
IRMSOS[11:0]
IRMS
CURRENT SIGNAL (i(t))
226
225
sgn
227
217 216 215
0x28 51EC
0x00
0xD7 AE14
24
24
Figure 45. Channel 1 RMS Signal Processing
With the specified full-scale analog input signal of 0.5 V, the ADC
produces an output code that is approximately ±2,642,412d—
see the Channel 1 ADC section. The equivalent rms value of a
full-scale ac signal is 1,868,467d (0x1C82B3). The current rms
measurement provided in the ADE7763 is accurate to within
1% for signal input between full scale and full scale/100.
Converting the register value to its equivalent in amps must be
done externally in the microprocessor using an amps/LSB
constant. To minimize noise, synchronize the reading of the
rms register with the zero crossing of the voltage input and take
the average of a number of readings.
Channel 1 RMS Offset Compensation
The ADE7763 incorporates a Channel 1 rms offset compensa-
tion register (IRMSOS). This is a 12-bit, signed register that can
be used to remove offset in the Channel 1 rms calculation. An
offset might exist in the rms calculation due to input noises that
are integrated in the dc component of V2(t). The offset calibration
allows the content of the IRMS register to be maintained at 0
when no input is present on Channel 1.
One LSB of the Channel 1 rms offset is equivalent to 32,768 LSB
of the square of the Channel 1 rms register. Assuming that the
maximum value from the Channel 1 rms calculation is
1,868,467d with full-scale ac inputs, then 1 LSB of the Channel 1
rms offset represents 0.46% of the measurement error at –60 dB
down of full scale.
IRMS =
32768
2
×
+ IRMSOS
IRMS
0
(4)
where
IRMS0 is the rms measurement without offset correction.
To measure the offset of the rms measurement, two data points
are needed from nonzero input values, for example, the base
current, Ib, and Imax/100. The offset can be calculated from these
measurements.
CHANNEL 2 ADC
Channel 2 Sampling
In Channel 2 waveform sampling mode (MODE[14:13] = 1, 1
and WSMP = 1), the ADC output code scaling for Channel 2 is
not the same as it is for Channel 1. The Channel 2 waveform
sample is a 16-bit word and sign extended to 24 bits. For normal
operation, the differential voltage signal between V2P and V2N
should not exceed 0.5 V. With maximum voltage input (±0.5 V
at PGA gain of 1), the output from the ADC swings between
0x2852 and 0xD7AE (±10,322d). However, before being passed
to the waveform register, the ADC output is passed through a
single-pole, low-pass filter with a cutoff frequency of 140 Hz.
The plots in Figure 46 show the magnitude and phase response
of this filter.
FREQUENCY (Hz)
0
101
102
103
–20
–10
–40
–50
–60
–30
–70
–80
–90
0
–18
60Hz, –0.73dB
50Hz, –0.52dB
60Hz, –23.2°
50Hz, –19.7°
–8
–10
–14
–12
–16
–2
–4
–6
Figure 46. Magnitude and Phase Response of LPF1
The LPF1 has the effect of attenuating the signal. For example,
if the line frequency is 60 Hz, the signal at the output of LPF1
will be attenuated by about 8%.
|
H(f)| =
2
Hz
140
Hz
60
1
1
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
+
= 0.919 = −0.73 db
(5)
Note LPF1 does not affect the active power calculation. The
signal processing chain in Channel 2 is illustrated in Figure 47.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com