Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7763ARS Datasheet(PDF) 29 Page - Analog Devices

Part # ADE7763ARS
Description  Single-Phase Active and Apparent Energy Metering IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7763ARS Datasheet(HTML) 29 Page - Analog Devices

Back Button ADE7763ARS Datasheet HTML 25Page - Analog Devices ADE7763ARS Datasheet HTML 26Page - Analog Devices ADE7763ARS Datasheet HTML 27Page - Analog Devices ADE7763ARS Datasheet HTML 28Page - Analog Devices ADE7763ARS Datasheet HTML 29Page - Analog Devices ADE7763ARS Datasheet HTML 30Page - Analog Devices ADE7763ARS Datasheet HTML 31Page - Analog Devices ADE7763ARS Datasheet HTML 32Page - Analog Devices ADE7763ARS Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
ADE7763
Rev. A | Page 29 of 56
The active power signal (output of LPF2) can be rewritten as
)
4
cos(
9
.
8
2
1
)
(
2
t
f
f
VI
VI
t
p
L
L
π
×
⎥
⎥
⎥
⎥
⎥
⎥
⎦
⎤
⎢
⎢
⎢
⎢
⎢
⎢
⎣
⎡
⎟
⎠
⎞
⎜
⎝
⎛
+
−
=
(18)
where fL is the line frequency, for example, 60 Hz.
From Equation 13,
)
4
sin(
9
.
8
2
1
4
)
(
2
t
f
f
f
VI
VIt
t
E
L
L
L
π
π
×
⎥
⎥
⎥
⎥
⎥
⎥
⎦
⎤
⎢
⎢
⎢
⎢
⎢
⎢
⎣
⎡
⎟
⎠
⎞
⎜
⎝
⎛
+
−
=
(19)
Note that in Equation 19 there is a small ripple in the energy
calculation due to a sin(2ωt) component. This is shown graphi-
cally in Figure 60. The active energy calculation is represented
by the dashed, straight line and is equal to V × I × t. The sinu-
soidal ripple in the active energy calculation is also shown.
Because the average value of a sinusoid is 0, the ripple does not
contribute to the energy calculation over time. However, the
ripple might be observed in the frequency output, especially at
higher output frequencies. The ripple becomes larger as a
percentage of the frequency at larger loads and higher output
frequencies. This occurs because the integration or averaging
time in the energy-to-frequency conversion process is shorter at
higher output frequencies. Consequently, some of the sinusoidal
ripple in the energy signal is observable in the frequency output.
Choosing a lower output frequency at CF for calibration can
significantly reduce the ripple. Also, averaging the output
frequency by using a longer gate time for the counter achieves
the same results.
VI
–
sin(4
×π×f
L×t)
4
×π×f
L(1+2×fL/8. 9Hz )
E(t)
t
Vlt
Figure 60. Output Frequency Ripple
WDIV[7:0]
APOS[15:0]
WGAIN[11:0]
LPF1
+
+
LAENERGY[23:0]
ACCUMULATE ACTIVE
ENERGY IN INTERNAL
REGISTER AND UPDATE
THE LAENERGY REGISTER
AT THE END OF LINECYC
LINE CYCLES
OUTPUT
FROM
LPF2
FROM
CHANNEL 2
ADC
23
0
LINECYC[15:0]
48
0
%
ZERO CROSSING
DETECTION
CALIBRATION
CONTROL
Figure 61. Energy Calculation Line Cycle Energy Accumulation Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com