Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX58200 Datasheet(PDF) 99 Page - ASIX Electronics Corporation

Part # AX58200
Description  EtherCAT Slave Controller SoC
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58200 Datasheet(HTML) 99 Page - ASIX Electronics Corporation

Back Button AX58200 Datasheet HTML 95Page - ASIX Electronics Corporation AX58200 Datasheet HTML 96Page - ASIX Electronics Corporation AX58200 Datasheet HTML 97Page - ASIX Electronics Corporation AX58200 Datasheet HTML 98Page - ASIX Electronics Corporation AX58200 Datasheet HTML 99Page - ASIX Electronics Corporation AX58200 Datasheet HTML 100Page - ASIX Electronics Corporation AX58200 Datasheet HTML 101Page - ASIX Electronics Corporation AX58200 Datasheet HTML 102Page - ASIX Electronics Corporation AX58200 Datasheet HTML 103Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 180 page
background image
99
Copyright © 2019 ASIX Electronics Corporation. All rights reserved.
AX58200
EtherCAT Slave Controller SoC
2.42.3 Functional Description
2.42.3.1 From EPWM, TIMER to EADC/DAC
EPWM Trigger EADC Conversion
EPWM can be one of the EADC conversion trigger source.
EPWM Trigger DAC Conversion
EPWM can also be used to trigger DAC conversion.
BPWM Trigger EADC Conversion
BPWM can be one of the EADC conversion trigger source.
Timer Trigger EADC Conversion
Timer0 ~ Timer3 can be one of the EADC conversion trigger source. When timer counter value matches the
timer compared value or when the TMx_EXT pin edge transition meets setting, timer will trigger the ADC to
start the conversion.
Timer Trigger DAC Conversion
2.42.3.2 From LXT and USB 1.1 Device to HIRC TRIM & RC 48 MHz
Use LXT or USB Synchronous Mode to System Auto-trim HIRC Circuit
This chip supports auto-trim function: the HIRC trim (12 MHz RC oscillator) and RC 48 MHz oscillator,
according to the accurate external 32.768 KHz crystal oscillator or internal USB synchronous mode,
automatically gets accurate output frequency, 0.25 % deviation within all temperature ranges.
2.42.3.3 From ACMP, BOD, Clock Fail, SRAM Parity Error and CPU Lockup to EPWM/
TIMERPWM
EPWM Brake Source
EPWM brake source can be ACMP0/1_O output signal or EADC result monitor or several different system fail
conditions include clock fail, Brown-out detect, and Core lockup and SRAM Parity Error. When system fault,
EPWM brake signal generated, EPWM output will be set to protect the power switch controlled by EPWM.
TIMERPWM Brake Source
TIMERPWM brake source can be ACMP0/1_O output signal or several different system fail conditions include
clock fail, Brown-out detect, and Core lockup and SRAM Parity Error. When system fault, EPWM brake signal
generated, EPWM output will be set to protect the power switch controlled by EPWM.
2.42.3.4 From EPWM/ BPWM to EPWM/ BPWM
EPWM Synchronous Start Function
Select synchronous source from EPWM0 or EPWM1 or BPWM0 or BPWM1, and select EPWM channels. The
chosen EPWM channels will start counting at the same time once the synchronous start function is enabled and
CNTSEN(EPWM_SSTRG[0]) is set.
BPWM Synchronous Start Function
Select synchronous source from EPWM0 or EPWM1 or BPWM0 or BPWM1, and select BPWM channels. The
chosen BPWM channels will start counting at the same time once the synchronous start function is enabled and
CNTSEN(BPWM_SSTRG[0]) is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com