Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX58200 Datasheet(PDF) 42 Page - ASIX Electronics Corporation

Part # AX58200
Description  EtherCAT Slave Controller SoC
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58200 Datasheet(HTML) 42 Page - ASIX Electronics Corporation

Back Button AX58200 Datasheet HTML 38Page - ASIX Electronics Corporation AX58200 Datasheet HTML 39Page - ASIX Electronics Corporation AX58200 Datasheet HTML 40Page - ASIX Electronics Corporation AX58200 Datasheet HTML 41Page - ASIX Electronics Corporation AX58200 Datasheet HTML 42Page - ASIX Electronics Corporation AX58200 Datasheet HTML 43Page - ASIX Electronics Corporation AX58200 Datasheet HTML 44Page - ASIX Electronics Corporation AX58200 Datasheet HTML 45Page - ASIX Electronics Corporation AX58200 Datasheet HTML 46Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 180 page
background image
42
Copyright © 2019 ASIX Electronics Corporation. All rights reserved.
AX58200
EtherCAT Slave Controller SoC
2.2.4
Power Modes and Wake-up Sources
The AX58200 has power manager unit to support several operating modes for saving power. Table 2.2-2 lists all
power modes in the AX58200.
Mode
CPU Operating Maximum Speed
(MHz)
LDO_CAP
(V)
Clock Disable
Normal mode
160
1.20
All clocks are disabled by control register.
Turbo mode
192
1.26
All clocks are disabled by control register.
Idle mode
CPU enter Sleep mode
1.20/1.26
Only CPU clock is disabled.
Fast
Wakeup
Power-
down mode (FWPD)
CPU enters Deep Sleep mode
1.20/1.26
Most clocks are disabled except LIRC/LXT,
and only RTC/WDT/Timer/UART peripheral
clocks still enable if their clock sources are
selected as LIRC/LXT.
Normal
Power-down
mode
(NPD)
CPU enters Deep Sleep mode
1.20/1.26
Most clocks are disabled except LIRC/LXT,
and only RTC/WDT/Timer/UART peripheral
clocks still enable if their clock sources are
selected as LIRC/LXT.
Low leakage Power-down
mode
(LLPD)
CPU enters Deep Sleep mode
0.9
Most clocks are disabled except LIRC/LXT,
and only RTC/WDT/Timer/UART peripheral
clocks still enable if their clock sources are
selected as LIRC/LXT.
Standby
Power-down
mode 0
(SPD0)
[1]
Power off
Floating
Only LIRC/LXT still enable for RTC
function and wake-up timer usage
Standby
Power-down
mode 1
(SPD1)
[1]
Power off
Floating
Only LIRC/LXT still enable for RTC
function and wake-up timer usage
Deep Power-down mode
(DPD)
Power off
Floating
Only LIRC/LXT still enable for RTC
function and wake-up timer usage
Table 2.2-2: Power Mode Table
Note: [1]
User must turn on LIRC before entering SPD0/1 mode.
There are different power mode entry settings. Each power mode has different entry setting and leaving
condition. Table 2.2-3 shows the entry setting for each power mode. When chip power-on, chip is running as
normal mode. User can enter each mode by setting SLEEPDEEP (SCR[2]), PDEN (CLK_PWRCT:[7]) and
PDMSEL (CLK_PMUCTL[2:0]) and execute WFI instruction.
Table 2.2-3: Power Mode Difference Table
Register/Instruction Mode
SLEEPDEEP
(SCR[2])
PDEN
(CLK_PWRCTL[7])
PDMSEL
(CLK_PMUCTL
[2:0])
CPU Run WFI
Instruction
Normal mode
0
0
0
NO
Idle mode
0
0
0
YES
Fast Wakeup Power-down mode
1
1
2
YES
Normal Power-down mode
1
1
0
YES
Low leakage Power-down mode
1
1
1
YES
Standby Power-down mode 0
1
1
4
YES
Standby Power-down mode 1
1
1
5
YES
Deep Power-down mode
1
1
6
YES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com