Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX58200 Datasheet(PDF) 64 Page - ASIX Electronics Corporation

Part # AX58200
Description  EtherCAT Slave Controller SoC
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58200 Datasheet(HTML) 64 Page - ASIX Electronics Corporation

Back Button AX58200 Datasheet HTML 60Page - ASIX Electronics Corporation AX58200 Datasheet HTML 61Page - ASIX Electronics Corporation AX58200 Datasheet HTML 62Page - ASIX Electronics Corporation AX58200 Datasheet HTML 63Page - ASIX Electronics Corporation AX58200 Datasheet HTML 64Page - ASIX Electronics Corporation AX58200 Datasheet HTML 65Page - ASIX Electronics Corporation AX58200 Datasheet HTML 66Page - ASIX Electronics Corporation AX58200 Datasheet HTML 67Page - ASIX Electronics Corporation AX58200 Datasheet HTML 68Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 180 page
background image
64
Copyright © 2019 ASIX Electronics Corporation. All rights reserved.
AX58200
EtherCAT Slave Controller SoC
General Purpose I/O (GPIO)
2.6.1
Overview
This chip has up to 56 General Purpose I/O pins to be shared with other function pins depending on the chip
configuration. These 56 pins are arranged in 6 ports named as PA, PB, PC, PE, PF and PH. Each of the 56 pins is
independent and has the corresponding register bits to control the pin mode function and data.
The EtherCAT slave controller (ESC) sub-system has up to 20 General Purpose I/O pins (names as IO[x]) to be
shared with other function pins depending on the chip configuration.
The I/O type of each of I/O pins can be configured by software individually as Input, Push-pull output, Open-
drain output or Quasi-bidirectional mode. After the chip is reset, the I/O mode of all pins are depending on
CIOINI (CONFIG0[10]).
2.6.2
Features
⚫
Four I/O modes:
–
Quasi-bidirectional mode
–
Push-Pull Output mode
–
Open-Drain Output mode
–
Input only with high impendence mode
⚫
TTL/Schmitt trigger input selectable
⚫
I/O pin can be configured as interrupt source with edge/level setting
⚫
Supports High Drive and High Slew Rate I/O mode
⚫
Configurable default I/O mode of all pins after reset by CIOINI (CONFIG0[10]) setting
–
CIOINI = 0, all GPIO pins in Quasi-bidirectional mode after chip reset
–
CIOINI = 1, all GPIO pins in input mode after chip reset
⚫
I/O pin internal pull-up resistor enabled only in Quasi-bidirectional I/O mode
⚫
Enabling the pin interrupt function will also enable the wake-up function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com