Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX58200 Datasheet(PDF) 55 Page - ASIX Electronics Corporation

Part # AX58200
Description  EtherCAT Slave Controller SoC
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58200 Datasheet(HTML) 55 Page - ASIX Electronics Corporation

Back Button AX58200 Datasheet HTML 51Page - ASIX Electronics Corporation AX58200 Datasheet HTML 52Page - ASIX Electronics Corporation AX58200 Datasheet HTML 53Page - ASIX Electronics Corporation AX58200 Datasheet HTML 54Page - ASIX Electronics Corporation AX58200 Datasheet HTML 55Page - ASIX Electronics Corporation AX58200 Datasheet HTML 56Page - ASIX Electronics Corporation AX58200 Datasheet HTML 57Page - ASIX Electronics Corporation AX58200 Datasheet HTML 58Page - ASIX Electronics Corporation AX58200 Datasheet HTML 59Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 180 page
background image
55
Copyright © 2019 ASIX Electronics Corporation. All rights reserved.
AX58200
EtherCAT Slave Controller SoC
Clock Controller
2.3.1
Overview
The clock controller generates clocks for the whole chip, including system clocks and all peripheral clocks. The
clock controller also implements the power control function with the individually clock ON/OFF control, clock
source selection and a clock divider. The chip will not enter Power-down mode until CPU sets the Power-down
enable bit PDEN(CLK_PWRCTL[7]) and Cortex® -M4 core executes the WFI instruction. After that, chip enters
Power-down mode and wait for wake-up interrupt source triggered to leave Power-down mode. In Power-down
mode, the clock controller turns off the 4~24 MHz external high speed crystal (HXT) and 12 MHz internal high
speed RC oscillator (HIRC) to reduce the overall system power consumption. Figure 2.3-1 shows the clock
generator and the overview of the clock source control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com