Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX58200 Datasheet(PDF) 72 Page - ASIX Electronics Corporation

Part # AX58200
Description  EtherCAT Slave Controller SoC
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58200 Datasheet(HTML) 72 Page - ASIX Electronics Corporation

Back Button AX58200 Datasheet HTML 68Page - ASIX Electronics Corporation AX58200 Datasheet HTML 69Page - ASIX Electronics Corporation AX58200 Datasheet HTML 70Page - ASIX Electronics Corporation AX58200 Datasheet HTML 71Page - ASIX Electronics Corporation AX58200 Datasheet HTML 72Page - ASIX Electronics Corporation AX58200 Datasheet HTML 73Page - ASIX Electronics Corporation AX58200 Datasheet HTML 74Page - ASIX Electronics Corporation AX58200 Datasheet HTML 75Page - ASIX Electronics Corporation AX58200 Datasheet HTML 76Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 180 page
background image
72
Copyright © 2019 ASIX Electronics Corporation. All rights reserved.
AX58200
EtherCAT Slave Controller SoC
Quadrature Encoder Interface (QEI)
2.14.1 Overview
There are two QEI controllers in this device. The Quadrature Encoder Interface (QEI) decodes speed of rotation
and motion sensor information. It can be used in any application that uses a quadrature encoder for feedback.
2.14.2 Features
2.14.2.1 Quadrature Encoder Interface (QEI) Features
⚫
Up to two QEI controllers, QEI0 and QEI1.
⚫
Two QEI phase inputs, QEA and QEB; One Index input.
⚫
A 32-bit up/down Quadrature Encoder Pulse Counter (QEI_CNT)
⚫
A 32-bit software-latch Quadrature Encoder Pulse Counter Hold Register (QEI_CNTHOLD)
⚫
A 32-bit Quadrature Encoder Pulse Counter Index Latch Register (QEI_CNTLATCH)
⚫
A 32-bit Quadrature Encoder Pulse Counter Compare Register (QEI_CNTCMP) with a Pre-set
Maximum Count Register (QEI_CNTMAX)
⚫
One QEI control register (QEI_CTL) and one QEI Status Register (QEI_STATUS)
⚫
Four Quadrature encoder pulse counter operation modes
–
Support x4 free-counting mode
–
Support x2 free-counting mode
–
Support x4 compare-counting mode
–
Support x2 compare-counting mode
⚫
Encoder Pulse Width measurement mode
⚫
Input frequency of QEA/QEB/IDX without noise filter must lower than PCLK/4
⚫
Input frequency of QEA/QEB/IDX with noise filter must lower than Noise Filter Clk/8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com