Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX58200 Datasheet(PDF) 67 Page - ASIX Electronics Corporation

Part # AX58200
Description  EtherCAT Slave Controller SoC
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58200 Datasheet(HTML) 67 Page - ASIX Electronics Corporation

Back Button AX58200 Datasheet HTML 63Page - ASIX Electronics Corporation AX58200 Datasheet HTML 64Page - ASIX Electronics Corporation AX58200 Datasheet HTML 65Page - ASIX Electronics Corporation AX58200 Datasheet HTML 66Page - ASIX Electronics Corporation AX58200 Datasheet HTML 67Page - ASIX Electronics Corporation AX58200 Datasheet HTML 68Page - ASIX Electronics Corporation AX58200 Datasheet HTML 69Page - ASIX Electronics Corporation AX58200 Datasheet HTML 70Page - ASIX Electronics Corporation AX58200 Datasheet HTML 71Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 180 page
background image
67
Copyright © 2019 ASIX Electronics Corporation. All rights reserved.
AX58200
EtherCAT Slave Controller SoC
Watchdog Timer (WDT)
2.9.1
Overview
The Watchdog Timer (WDT) is used to perform a system reset when system runs into an unknown state. This
prevents system from hanging for an infinite period of time. Besides, this Watchdog Timer supports the function
to wake up system from Idle/Power-down mode.
2.9.2
Features
⚫
18-bit free running up counter for WDT time-out interval
⚫
Selectable time-out interval (24 ~ 218) and the time-out interval is 1.6 ms ~ 26.214 s if WDT_CLK
= 10 KHz.
⚫
System kept in reset state for a period of (1 / WDT_CLK) * 63
⚫
Supports selectable WDT reset delay period, including 1026、130、18 or 3 WDT_CLK reset
delay period
⚫
Supports to force WDT enabled after chip powered on or reset by setting CWDTEN[2:0] in
Config0 register
⚫
Supports WDT time-out wake-up function only if WDT clock source is selected as 10 KHz or
LXT.
Window Watchdog Timer (WWDT)
2.10.1 Overview
The Window Watchdog Timer (WWDT) is used to perform a system reset within a specified window period to
prevent software running to uncontrollable status by any unpredictable condition.
2.10.2 Features
⚫
6-bit down counter value (CNTDAT, WWDT_CNT[5:0]) and 6-bit compare value (CMPDAT,
WWDT_CTL[21:16]) to make the WWDT time-out window period flexible
⚫
Supports 4-bit value (PSCSEL, WWDT_CTL[11:8]) to programmable maximum 11-bit prescale
counter period of WWDT counter
⚫
WWDT counter suspends in Idle/Power-down mode
Real Time Clock (RTC)
2.11.1 Overview
The Real Time Clock (RTC) controller provides the real time and calendar message. The RTC offers
programmable time tick and alarm match interrupts. The data format of time and calendar messages are
expressed in BCD format. A digital frequency compensation feature is available to compensate external crystal
oscillator frequency accuracy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com