Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX58200 Datasheet(PDF) 76 Page - ASIX Electronics Corporation

Part # AX58200
Description  EtherCAT Slave Controller SoC
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58200 Datasheet(HTML) 76 Page - ASIX Electronics Corporation

Back Button AX58200 Datasheet HTML 72Page - ASIX Electronics Corporation AX58200 Datasheet HTML 73Page - ASIX Electronics Corporation AX58200 Datasheet HTML 74Page - ASIX Electronics Corporation AX58200 Datasheet HTML 75Page - ASIX Electronics Corporation AX58200 Datasheet HTML 76Page - ASIX Electronics Corporation AX58200 Datasheet HTML 77Page - ASIX Electronics Corporation AX58200 Datasheet HTML 78Page - ASIX Electronics Corporation AX58200 Datasheet HTML 79Page - ASIX Electronics Corporation AX58200 Datasheet HTML 80Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 180 page
background image
76
Copyright © 2019 ASIX Electronics Corporation. All rights reserved.
AX58200
EtherCAT Slave Controller SoC
Ethernet MAC Controller (EMAC)
2.17.1 Overview
This chip provides an Ethernet MAC Controller (EMAC) for Network application. The Ethernet MAC controller
consists of IEEE 802.3/Ethernet protocol engine with internal CAM function for recognizing Ethernet MAC
addresses, Transmit-FIFO, Receive-FIFO, TX/RX state machine controller, time stamping engine for IEEE
1588, Magic Packet parsing engine and status controller. The EMAC supports the RMII (Reduced MII) interface
to connect with external Ethernet PHY.
2.17.2 Features
⚫
Supports IEEE Std. 802.3 CSMA/CD protocol
⚫
Supports Ethernet frame time stamping for IEEE Std. 1588 – 2002 protocol
⚫
Supports both half and full duplex for 10 Mbps or 100 Mbps operation
⚫
Supports RMII interface
⚫
Supports MII Management function to control external Ethernet PHY
⚫
Supports pause and remote pause function for flow control
⚫
Supports long frame (more than 1518 bytes) and short frame (less than 64 bytes) reception
⚫
Supports 16 entries CAM function for Ethernet MAC address recognition
⚫
Supports Magic Packet recognition to wake system up from Power-down mode
⚫
Supports 256 bytes transmit FIFO and 256 bytes receive FIFO
⚫
Supports DMA function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com