Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX58200 Datasheet(PDF) 38 Page - ASIX Electronics Corporation

Part # AX58200
Description  EtherCAT Slave Controller SoC
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58200 Datasheet(HTML) 38 Page - ASIX Electronics Corporation

Back Button AX58200 Datasheet HTML 34Page - ASIX Electronics Corporation AX58200 Datasheet HTML 35Page - ASIX Electronics Corporation AX58200 Datasheet HTML 36Page - ASIX Electronics Corporation AX58200 Datasheet HTML 37Page - ASIX Electronics Corporation AX58200 Datasheet HTML 38Page - ASIX Electronics Corporation AX58200 Datasheet HTML 39Page - ASIX Electronics Corporation AX58200 Datasheet HTML 40Page - ASIX Electronics Corporation AX58200 Datasheet HTML 41Page - ASIX Electronics Corporation AX58200 Datasheet HTML 42Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 180 page
background image
38
Copyright © 2019 ASIX Electronics Corporation. All rights reserved.
AX58200
EtherCAT Slave Controller SoC
2.2.2.1 nRESET Reset
The nRESET reset means to generate a reset signal by pulling low nRESET pin, which is an asynchronous reset
input pin and can be used to reset system at any time. When the nRESET voltage is lower than 0.2 VDD and the
state keeps longer than 32 us (glitch filter), chip will be reset. The nRESET reset will control the chip in reset state
until the nRESET voltage rises above 0.7 VDD and the state keeps longer than 32 us (glitch filter). The
PINRF(SYS_RSTSTS[1]) will be set to 1 if the previous reset source is nRESET reset. Figure 2.2-2 shows the
nRESET reset waveform.
Figure 2.2-2: nRESET Reset Waveform
2.2.2.2 Power-on Reset (POR)
The Power-on reset (POR) is used to generate a stable system reset signal and force the system to be reset when
power-on to avoid unexpected behavior of MCU. When applying the power to MCU, the POR module will detect
the rising voltage and generate reset signal to system until the voltage is ready for MCU operation. At POR reset,
the PORF(SYS_RSTSTS[0]) will be set to 1 to indicate there is a POR reset event. The PORF(SYS_RSTSTS[0])
bit can be cleared by writing 1 to it. Figure 2.2-3 shows the power-on reset waveform.
VDD
VPOR
Power-on
Reset
0.1V
Figure 2.2-3: Power-on Reset (POR) Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com