Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX58200 Datasheet(PDF) 36 Page - ASIX Electronics Corporation

Part # AX58200
Description  EtherCAT Slave Controller SoC
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58200 Datasheet(HTML) 36 Page - ASIX Electronics Corporation

Back Button AX58200 Datasheet HTML 32Page - ASIX Electronics Corporation AX58200 Datasheet HTML 33Page - ASIX Electronics Corporation AX58200 Datasheet HTML 34Page - ASIX Electronics Corporation AX58200 Datasheet HTML 35Page - ASIX Electronics Corporation AX58200 Datasheet HTML 36Page - ASIX Electronics Corporation AX58200 Datasheet HTML 37Page - ASIX Electronics Corporation AX58200 Datasheet HTML 38Page - ASIX Electronics Corporation AX58200 Datasheet HTML 39Page - ASIX Electronics Corporation AX58200 Datasheet HTML 40Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 180 page
background image
36
Copyright © 2019 ASIX Electronics Corporation. All rights reserved.
AX58200
EtherCAT Slave Controller SoC
Low Voltage
Reset
Power-on
Reset
Brown-out
Reset
Reset Pulse Width
~3.2ms
WDT/WWDT
Reset
System Reset
~50k ohm
@3.3v
Reset Pulse Width
2 system clocks
nRESET
VDD
AVDD
CHIP Reset
CHIPRST(SYS_IPRST0[0])
CPU Reset
CPURST(SYS_IPRST0[1])
CPU Lockup
Reset
MCU Reset
SYSRSTREQ(AIRCR[2])
LVREN(SYS_BODCTL[7])
BODRSTEN(SYS_BODCTL[3])
POROFF(SYS_PORCTL[15:0])
Reset Pulse Width
64 WDT clocks
Reset Pulse Width
2 system clocks
Glitch Filter
32 us
Software Reset
Figure 2.2-1: System Reset Sources
There are a total of 9 reset sources in the family. In general, CPU reset is used to reset Cortex® -M4 only; the other
reset sources will reset Cortex® -M4 and all peripherals. However, there are small differences between each reset
source and they are listed in Table 2.2-1.
Reset Sources
Register
POR
NRESET
WDT
LVR
BOD
Lockup
CHIP
MCU
CPU
SYS_RSTSTS
Bit 0 = 1
Bit 1 = 1
Bit 2 = 1
Bit 3 = 1
Bit 4 = 1
Bit 8 = 1
Bit 0 = 1
Bit 5 = 1
Bit 7 = 1
CHIPRST
(SYS_IPRST0[0])
0x0
-
-
-
-
-
-
-
-
BODEN
(SYS_BODCTL[0])
Reload
from
CONFIG0
Reload
from
CONFIG0
Reload
from
CONFIG0
Reload
from
CONFIG0
-
Reload
from
CONFIG0
Reload
from
CONFIG0
Reload
from
CONFIG0
-
BODVL
(SYS_BODCTL[2:1])
BODRSTEN
(SYS_BODCTL[3])
HXTEN
(CLK_PWRCTL[0])
Reload
from
CONFIG0
Reload
from
CONFIG0
Reload
from
CONFIG0
Reload
from
CONFIG0
Reload
from
CONFIG0
Reload
from
CONFIG0
Reload
from
CONFIG0
Reload
from
CONFIG0
LXTEN
(CLK_PWRCTL[1])
0x0
-
-
-
-
-
-
-
-
WDTCKEN
(CLK_APBCLK0[0])
0x1
-
0x1
-
-
-
0x1
-
-
HCLKSEL
(CLK_CLKSEL0[2:0])
Reload
from
CONFIG0
Reload
from
CONFIG0
Reload
from
CONFIG0
Reload
from
CONFIG0
Reload
from
CONFIG0
Reload
from
CONFIG0
Reload
from
CONFIG0
Reload
from
CONFIG0
-
WDTSEL
0x3
0x3
-
-
-
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com