Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX58200 Datasheet(PDF) 47 Page - ASIX Electronics Corporation

Part # AX58200
Description  EtherCAT Slave Controller SoC
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58200 Datasheet(HTML) 47 Page - ASIX Electronics Corporation

Back Button AX58200 Datasheet HTML 43Page - ASIX Electronics Corporation AX58200 Datasheet HTML 44Page - ASIX Electronics Corporation AX58200 Datasheet HTML 45Page - ASIX Electronics Corporation AX58200 Datasheet HTML 46Page - ASIX Electronics Corporation AX58200 Datasheet HTML 47Page - ASIX Electronics Corporation AX58200 Datasheet HTML 48Page - ASIX Electronics Corporation AX58200 Datasheet HTML 49Page - ASIX Electronics Corporation AX58200 Datasheet HTML 50Page - ASIX Electronics Corporation AX58200 Datasheet HTML 51Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 180 page
background image
47
Copyright © 2019 ASIX Electronics Corporation. All rights reserved.
AX58200
EtherCAT Slave Controller SoC
2.2.6
System Memory Map
The AX58200 provides 4G-byte addressing space. The memory locations assigned to each on-chip controllers are
shown in Table 2.2-7. The detailed register definition, memory space, and programming will be described in the
following sections for each on-chip peripheral. The AX58200 only supports little-endian data format.
Address Space
Token
Controllers
Flash and SRAM Memory Space
0x0000_0000
– 0x0003_FFFF
FLASH_BA
FLASH Memory Space (256KB)
0x0000_0000
– 0x0007_FFFF
FLASH_BA
FLASH Memory Space (512KB)
0x0800_0000
– 0x09FF_FFFF
SPIM_BA
SPIM Memory Space (32MB)
0x2000_0000
– 0x2000_7FFF
SRAM0_BA
SRAM Memory Space (32KB)
0x2000_8000
– 0x2001_FFFF
SRAM1_BA
SRAM Memory Space (96KB)
0x2002_0000
– 0x2002_7FFF
SRAM2_BA
SRAM Memory Space (32KB) for CPU only and share with SPIM
cache
0x6000_0000
– 0x6FFF_FFFF
EXTMEM_BA
External Memory Space (256MB)
Peripheral Controllers Space (0x4000_0000
– 0x400F_FFFF)
0x4000_0000
– 0x4000_01FF
SYS_BA
System Control Registers
0x4000_0200
– 0x4000_02FF
CLK_BA
Clock Control Registers
0x4000_0300
– 0x4000_03FF
NMI_BA
NMI Control Registers
0x4000_4000
– 0x4000_4FFF
GPIO_BA
GPIO Control Registers
0x4000_7000
– 0x4000_7FFF
SPIM_BA
SPIM Control Registers
0x4000_8000
– 0x4000_8FFF
PDMA_BA
Peripheral DMA Control Registers
0x4000_9000
– 0x4000_9FFF
USBH_BA
USB Host Control Registers
0x4000_B000
– 0x4000_BFFF
EMAC_BA
Ethernet MAC Control Registers
0x4000_C000
– 0x4000_CFFF
FMC_BA
Flash Memory Control Registers
0x4000_D000
– 0x4000_DFFF
SDH0_BA
SDHOST0 Control Registers
0x4000_E000
– 0x4000_EFFF
SDH1_BA
SDHOST1 Control Registers
0x4001_0000
– 0x4001_0FFF
EBI_BA
External Bus Interface Control Registers
0x4001_9000
– 0x4001_9FFF
HSUSBD_BA
HSUSBD Control Registers
0x4001_A000
– 0x4001_AFFF
HSUSBH _BA
HSUSBH Host Control Registers
0x4003_1000
– 0x4003_1FFF
CRC_BA
CRC Generator Registers
0x4003_E000
– 0x4003_EFFF
SWDC_BA
SWD Control Registers
0x4003_F000
– 0x4003_FFFF
ETMC_BA
ETM Control Registers
0x5008_0000
– 0x5008_0FFF
CRYP_BA
Cryptographic Accelerator Registers
APB Controllers Space (0x4000_0000 ~ 0x400F_FFFF)
0x4004_0000
– 0x4004_0FFF
WDT_BA
Watchdog Timer Control Registers
0x4004_1000
– 0x4004_1FFF
RTC_BA
Real Time Clock (RTC) Control Register
0x4004_3000
– 0x4004_3FFF
EADC_BA
Enhanced Analog-Digital-Converter (EADC) Control Registers
0x4004_5000
– 0x4004_5FFF
ACMP01_BA
Analog Comparator 0/ 1 Control Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com