Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX58200 Datasheet(PDF) 30 Page - ASIX Electronics Corporation

Part # AX58200
Description  EtherCAT Slave Controller SoC
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58200 Datasheet(HTML) 30 Page - ASIX Electronics Corporation

Back Button AX58200 Datasheet HTML 26Page - ASIX Electronics Corporation AX58200 Datasheet HTML 27Page - ASIX Electronics Corporation AX58200 Datasheet HTML 28Page - ASIX Electronics Corporation AX58200 Datasheet HTML 29Page - ASIX Electronics Corporation AX58200 Datasheet HTML 30Page - ASIX Electronics Corporation AX58200 Datasheet HTML 31Page - ASIX Electronics Corporation AX58200 Datasheet HTML 32Page - ASIX Electronics Corporation AX58200 Datasheet HTML 33Page - ASIX Electronics Corporation AX58200 Datasheet HTML 34Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 180 page
background image
30
Copyright © 2019 ASIX Electronics Corporation. All rights reserved.
AX58200
EtherCAT Slave Controller SoC
Pin No
Pin Name
Type
MFP
Description
RXD[3]
I5
Receive data
J2
IO[28]
B5/8m
Digital/General Purpose I/O[31:24]
LDA[12]
B5
Local bus Data bus [15:8]
EMn
I5
Emergency input, active low
RX_ER
I5
Receive error
J3
IO[29]
B5/8m
Digital/General Purpose I/O[31:24]
LDA[13]
B5
Local bus Data bus [15:8]
ENCA
I5
ENC input A, Sin., CW, CLK, or HALL A
RX_DV
I5
Receive data valid
K3
IO[30]
B5/8m
Digital/General Purpose I/O[31:24]
LDA[14]
B5
Local bus Data bus [15:8]
ENCB
I5
ENC input B, Cos., CCW, DIR, or HALL B
RX_CLK
I5
Receive Clock
M1
IO[31]
B5/8m
Digital/General Purpose I/O[31:24]
LDA[15]
B5
Local bus Data bus [15:8]
ENCZ
I5
ENC input Z, Zero point or HALL C
MCLK
O5
MII Clock
25 MHz clock source for Ethernet PHYs
L3
P1_TXON
A
PHY 1 differential Transmitted Negative signal
L4
P1_RXIN
A
PHY 1 differential Received Negative signal
L5
P1_SD
A
PHY 1 fiber mode Signal Detect
Same P0_SD description
L6
P0_TXON
A
PHY 0 differential Transmitted Negative signal
L7
P0_RXIN
A
PHY 0 differential Received Negative signal
L8
P0_SD
A
PHY 0 fiber mode Signal Detect
SD < 0.2V, Copper mode-
1.0V < SD < 1.8V, Fiber mode without detected
signal. Generate far-end fault
SD > 2.4V, Fiber mode with detected signal
L9
XSCI
A
Crystal 25MHz Input
M9
XSCO
A
Crystal 25MHz Output
M3
P1_TXOP
A
PHY 1 differential Transmitted Positive signal
Same as PHY0 TXOP/ON description
M4
P1_RXIP
A
PHY 1 differential Received Positive signal
Same as PHY0 RXIP/IN description
M6
P0_TXOP
A
PHY 0 differential Transmitted Positive signal
In the copper mode, the differential data is
transmitted to the media on the TXOP/TXON
signal pair in the MDI mode.
In the fiber mode, the signal pair should be
connected to the TX+/TX- pin of the fiber
transceiver.
M7
P0_RXIP
A
PHY 0 differential Received Positive signal
In the copper mode, the differential data from the
media is received on the RXIP/RXIN signal pair in
the MDI mode.
In the fiber mode, the signal pair should be
connected to the RX+/RX- pin of the fiber
transceiver.
H5
RSET_BG
A
PHY off-chip Bias Resistor
Connects an external resistor of 12 KΩ ± 1% to
the PCB analog ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com