Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX58200 Datasheet(PDF) 80 Page - ASIX Electronics Corporation

Part # AX58200
Description  EtherCAT Slave Controller SoC
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58200 Datasheet(HTML) 80 Page - ASIX Electronics Corporation

Back Button AX58200 Datasheet HTML 76Page - ASIX Electronics Corporation AX58200 Datasheet HTML 77Page - ASIX Electronics Corporation AX58200 Datasheet HTML 78Page - ASIX Electronics Corporation AX58200 Datasheet HTML 79Page - ASIX Electronics Corporation AX58200 Datasheet HTML 80Page - ASIX Electronics Corporation AX58200 Datasheet HTML 81Page - ASIX Electronics Corporation AX58200 Datasheet HTML 82Page - ASIX Electronics Corporation AX58200 Datasheet HTML 83Page - ASIX Electronics Corporation AX58200 Datasheet HTML 84Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 180 page
background image
80
Copyright © 2019 ASIX Electronics Corporation. All rights reserved.
AX58200
EtherCAT Slave Controller SoC
Quad Serial Peripheral Interface (QSPI)
2.21.1 Overview
The Quad Serial Peripheral Interface (QSPI) applies to synchronous serial data communication and allows full
duplex transfer. Devices communicate in Master/Slave mode with the 4-wire bi-direction interface. The
AX58200 contains one QSPI controller performing a serial-to-parallel conversion on data received from a
peripheral device, and a parallel-to-serial conversion on data transmitted to a peripheral device.
The QSPI controller supports 2-bit Transfer mode to perform full-duplex 2-bit data transfer and also supports
Dual and Quad I/O Transfer mode and the controller supports the PDMA function to access the data buffer.
2.21.2 Features
⚫
Supports Master or Slave mode operation
⚫
Master mode up to 100 MHz and Slave mode up to 100 MHz (when chip works at VDD =
2.7~3.6V)
⚫
Supports 2-bit Transfer mode
⚫
Supports Dual and Quad I/O Transfer mode
⚫
Configurable bit length of a transaction word from 8 to 32-bit
⚫
Provides separate 8-level depth transmit and receive FIFO buffers
⚫
Supports MSB first or LSB first transfer sequence
⚫
Supports Byte Reorder function
⚫
Supports Byte or Word Suspend mode
⚫
Supports PDMA transfer
⚫
Supports 3-Wire, no slave selection signal, bi-direction interface
⚫
Supports one data channel half-duplex transfer
⚫
Supports receive-only mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com