Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX58200 Datasheet(PDF) 65 Page - ASIX Electronics Corporation

Part # AX58200
Description  EtherCAT Slave Controller SoC
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58200 Datasheet(HTML) 65 Page - ASIX Electronics Corporation

Back Button AX58200 Datasheet HTML 61Page - ASIX Electronics Corporation AX58200 Datasheet HTML 62Page - ASIX Electronics Corporation AX58200 Datasheet HTML 63Page - ASIX Electronics Corporation AX58200 Datasheet HTML 64Page - ASIX Electronics Corporation AX58200 Datasheet HTML 65Page - ASIX Electronics Corporation AX58200 Datasheet HTML 66Page - ASIX Electronics Corporation AX58200 Datasheet HTML 67Page - ASIX Electronics Corporation AX58200 Datasheet HTML 68Page - ASIX Electronics Corporation AX58200 Datasheet HTML 69Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 180 page
background image
65
Copyright © 2019 ASIX Electronics Corporation. All rights reserved.
AX58200
EtherCAT Slave Controller SoC
PDMA Controller (PDMA)
2.7.1
Overview
The peripheral direct memory access (PDMA) controller is used to provide high-speed data transfer. The PDMA
controller can transfer data from one address to another without CPU intervention. This has the benefit of
reducing the workload of CPU and keeps CPU resources free for other applications. The PDMA controller has a
total of 16 channels and each channel can perform transfer between memory and peripherals or between memory
and memory.
2.7.2
Features
⚫
Supports 16 independently configurable channels
⚫
Selectable 2 level of priority (fixed priority or round-robin priority)
⚫
Supports transfer data width of 8, 16, and 32 bits
⚫
Supports source and destination address increment size can be byte, half-word, word or no
increment
⚫
Supports software and SPI, UART, DAC, ADC and PWM request
⚫
Supports Scatter-Gather mode to perform sophisticated transfer through the use of the descriptor
link list table
⚫
Supports single and burst transfer type
⚫
Supports time-out function on channel 0 and channel 1
⚫
Supports stride function from channel 0 to channel 5
Timer Controller (TMR)
2.8.1
Overview
The timer controller includes four 32-bit timers, Timer0 ~ Timer3, allowing user to easily implement a timer
control for applications. The timer can perform functions, such as frequency measurement, delay timing, clock
generation, and event counting by external input pins, and interval measurement by external capture pins.
The timer controller also provides four PWM generators. Each PWM generator supports two PWM output
channels in independent mode and complementary mode. The output state of PWM output pin can be controlled
by pin mask, polarity and break control, and dead-time generator.
2.8.2
Features
2.8.2.1 Timer Function Features
⚫
Four sets of 32-bit timers, each timer having one 24-bit up counter and one 8-bit prescale counter
⚫
Independent clock source for each timer
⚫
Provides one-shot, periodic, toggle-output and continuous counting operation modes
⚫
24-bit up counter value is readable through CNT (TIMERx_CNT[23:0])
⚫
Supports event counting function
⚫
24-bit capture value is readable through CAPDAT (TIMERx_CAP[23:0])
⚫
Supports external capture pin event for interval measurement
⚫
Supports external capture pin event to reset 24-bit up counter
⚫
Supports chip wake-up from Idle/Power-down mode if a timer interrupt signal is generated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com