Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX58200 Datasheet(PDF) 22 Page - ASIX Electronics Corporation

Part # AX58200
Description  EtherCAT Slave Controller SoC
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58200 Datasheet(HTML) 22 Page - ASIX Electronics Corporation

Back Button AX58200 Datasheet HTML 18Page - ASIX Electronics Corporation AX58200 Datasheet HTML 19Page - ASIX Electronics Corporation AX58200 Datasheet HTML 20Page - ASIX Electronics Corporation AX58200 Datasheet HTML 21Page - ASIX Electronics Corporation AX58200 Datasheet HTML 22Page - ASIX Electronics Corporation AX58200 Datasheet HTML 23Page - ASIX Electronics Corporation AX58200 Datasheet HTML 24Page - ASIX Electronics Corporation AX58200 Datasheet HTML 25Page - ASIX Electronics Corporation AX58200 Datasheet HTML 26Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 180 page
background image
22
Copyright © 2019 ASIX Electronics Corporation. All rights reserved.
AX58200
EtherCAT Slave Controller SoC
Pin No
Pin Name
Type
MFP
Description
ACMP1_O
O
MFP14
Analog comparator 1 output pin.
K11
PC.1
B5
MFP0
General purpose digital I/O pin.
EBI_AD1
I/O
MFP2
EBI address/data bus bit 1.
SPIM_MISO
I/O
MFP3
SPIM MISO (Master In, Slave Out) pin.
QSPI0_MISO0
I/O
MFP4
Quad SPI0 MISO0 (Master In, Slave Out) pin.
SC1_DAT
I/O
MFP5
Smart Card 1 data pin.
I2S0_DO
O
MFP6
I2S0 data output pin.
SPI1_CLK
I/O
MFP7
SPI1 serial clock pin.
UART2_TXD
O
MFP8
UART2 data transmitter output pin.
I2C0_SCL
I/O
MFP9
I2C0 clock pin.
EPWM1_CH4
I/O
MFP12
EPWM1 channel 4 output/capture input.
ACMP0_O
O
MFP14
Analog comparator 0 output pin.
L12
PC.2
B5
MFP0
General purpose digital I/O pin.
EBI_AD2
I/O
MFP2
EBI address/data bus bit 2.
SPIM_CLK
I/O
MFP3
SPIM serial clock pin.
QSPI0_CLK
I/O
MFP4
Quad SPI0 serial clock pin.
SC1_RST
O
MFP5
Smart Card 1 reset pin.
I2S0_DI
I
MFP6
I2S0 data input pin.
SPI1_MOSI
I/O
MFP7
SPI1 MOSI (Master Out, Slave In) pin.
UART2_nCTS
I
MFP8
UART2 clear to Send input pin.
I2C0_SMBSUS
O
MFP9
I2C0 SMBus SMBSUS pin (PMBus CONTROL
pin)
CAN1_RXD
I
MFP10
CAN1 bus receiver input.
UART3_RXD
I
MFP11
UART3 data receiver input pin.
EPWM1_CH3
I/O
MFP12
EPWM1 channel 3 output/capture input.
L11
PC.3
B5
MFP0
General purpose digital I/O pin.
EBI_AD3
I/O
MFP2
EBI address/data bus bit 3.
SPIM_SS
I/O
MFP3
SPIM slave select pin.
QSPI0_SS
I/O
MFP4
Quad SPI0 slave select pin.
SC1_PWR
O
MFP5
Smart Card 1 power pin.
I2S0_MCLK
O
MFP6
I2S0 master clock output pin.
SPI1_MISO
I/O
MFP7
SPI1 MISO (Master In, Slave Out) pin.
UART2_nRTS
O
MFP8
UART2 request to Send output pin.
I2C0_SMBAL
O
MFP9
I2C0 SMBus SMBALTER pin
CAN1_TXD
O
MFP10
CAN1 bus transmitter output.
UART3_TXD
O
MFP11
UART3 data transmitter output pin.
EPWM1_CH2
I/O
MFP12
EPWM1 channel 2 output/capture input.
M12
PC.4
B5
MFP0
General purpose digital I/O pin.
EBI_AD4
I/O
MFP2
EBI address/data bus bit 4.
SPIM_D3
I/O
MFP3
SPIM data 3 pin for Quad Mode I/O.
QSPI0_MOSI1
I/O
MFP4
Quad SPI0 MOSI1 (Master Out, Slave In) pin.
SC1_nCD
I
MFP5
Smart Card 1 card detect pin.
I2S0_BCLK
O
MFP6
I2S0 bit clock output pin.
SPI1_I2SMCLK
I/O
MFP7
SPI1 I2S master clock output pin
UART2_RXD
I
MFP8
UART2 data receiver input pin.
I2C1_SDA
I/O
MFP9
I2C1 data input/output pin.
CAN0_RXD
I
MFP10
CAN0 bus receiver input.
UART4_RXD
I
MFP11
UART4 data receiver input pin.
EPWM1_CH1
I/O
MFP12
EPWM1 channel 1 output/capture input.
M11
PC.5
B5
MFP0
General purpose digital I/O pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com