Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX58200 Datasheet(PDF) 82 Page - ASIX Electronics Corporation

Part # AX58200
Description  EtherCAT Slave Controller SoC
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58200 Datasheet(HTML) 82 Page - ASIX Electronics Corporation

Back Button AX58200 Datasheet HTML 78Page - ASIX Electronics Corporation AX58200 Datasheet HTML 79Page - ASIX Electronics Corporation AX58200 Datasheet HTML 80Page - ASIX Electronics Corporation AX58200 Datasheet HTML 81Page - ASIX Electronics Corporation AX58200 Datasheet HTML 82Page - ASIX Electronics Corporation AX58200 Datasheet HTML 83Page - ASIX Electronics Corporation AX58200 Datasheet HTML 84Page - ASIX Electronics Corporation AX58200 Datasheet HTML 85Page - ASIX Electronics Corporation AX58200 Datasheet HTML 86Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 180 page
background image
82
Copyright © 2019 ASIX Electronics Corporation. All rights reserved.
AX58200
EtherCAT Slave Controller SoC
I2C Serial Interface Controller (I2C)
2.23.1 Overview
I2C is a two-wire, bi-directional serial bus that provides a simple and efficient method of data exchange between
devices. The I2C standard is a true multi-master bus including collision detection and arbitration that prevents
data corruption if two or more masters attempt to control the bus simultaneously.
There are two sets of I2C controllers which support Power-down wake-up function.
2.23.2 Features
The I2C bus uses two wires (SDA and SCL) to transfer information between devices connected to the bus. The
main features of the I2C bus include:
⚫
Supports up to three I2C ports
⚫
Master/Slave mode
⚫
Bidirectional data transfer between masters and slaves
⚫
Multi-master bus (no central master)
⚫
Supports Standard mode (100 kbps), Fast mode (400 kbps) and Fast mode plus (1 Mbps)
⚫
Arbitration between simultaneously transmitting masters without corruption of serial data on the
bus
⚫
Serial clock synchronization allow devices with different bit rates to communicate via one serial
bus
⚫
Serial clock synchronization used as a handshake mechanism to suspend and resume serial transfer
⚫
Built-in 14-bit time-out counter requesting the I2C interrupt if the I2C bus hangs up and timer-out
counter overflows
⚫
Programmable clocks allow for versatile rate control
⚫
Supports 7-bit addressing and 10-bit addressing mode
⚫
Supports multiple address recognition (four slave address with mask option)
⚫
Supports Power-down wake-up function
⚫
Supports PDMA with one buffer capability
⚫
Supports setup/hold time programmable
⚫
Supports Bus Management (SM/PM compatible) function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com