Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX58200 Datasheet(PDF) 68 Page - ASIX Electronics Corporation

Part # AX58200
Description  EtherCAT Slave Controller SoC
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58200 Datasheet(HTML) 68 Page - ASIX Electronics Corporation

Back Button AX58200 Datasheet HTML 64Page - ASIX Electronics Corporation AX58200 Datasheet HTML 65Page - ASIX Electronics Corporation AX58200 Datasheet HTML 66Page - ASIX Electronics Corporation AX58200 Datasheet HTML 67Page - ASIX Electronics Corporation AX58200 Datasheet HTML 68Page - ASIX Electronics Corporation AX58200 Datasheet HTML 69Page - ASIX Electronics Corporation AX58200 Datasheet HTML 70Page - ASIX Electronics Corporation AX58200 Datasheet HTML 71Page - ASIX Electronics Corporation AX58200 Datasheet HTML 72Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 180 page
background image
68
Copyright © 2019 ASIX Electronics Corporation. All rights reserved.
AX58200
EtherCAT Slave Controller SoC
2.11.2 Features
⚫
Supports real time counter in RTC_TIME (hour, minute, second) and calendar counter in
RTC_CAL (year, month, day) for RTC time and calendar check.
⚫
Supports alarm time (hour, minute, second) and calendar (year, month, day) settings in
RTC_TALM and RTC_CALM.
⚫
Supports alarm time (hour, minute, second) and calendar (year, month, day) mask enable in
RTC_TAMSK and RTC_CAMSK.
⚫
Selectable 12-hour or 24-hour time scale in RTC_CLKFMT register.
⚫
Supports Leap Year indication in RTC_LEAPYEAR register.
⚫
Supports Day of the Week counter in RTC_WEEKDAY register.
⚫
Frequency of RTC clock source compensate by RTC_FREQADJ register.
⚫
All time and calendar message expressed in BCD format.
⚫
Supports periodic RTC Time Tick interrupt with 8 period interval options 1/128, 1/64, 1/32, 1/16,
1/8, 1/4, 1/2 and 1 second.
⚫
Supports RTC Time Tick and Alarm Match interrupt.
⚫
Supports 1 Hz clock output.
⚫
Supports chip wake-up from Idle or Power-down mode while a RTC interrupt signal is generated.
⚫
Supports Daylight Saving Time software control in RTC_DSTCTL.
⚫
Supports up 3 pairs dynamic loop tamper pin or 6 individual tamper pin.
⚫
Supports 80 bytes spare registers and tamper pins detection to clear the content of these spare
registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com