Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSOP Datasheet(PDF) 48 Page - STMicroelectronics

Part # LSM6DSOP
Description  iNEMO inertial module:always-on 3D accelerometer and 3D gyroscope
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSOP Datasheet(HTML) 48 Page - STMicroelectronics

Back Button LSM6DSOP Datasheet HTML 44Page - STMicroelectronics LSM6DSOP Datasheet HTML 45Page - STMicroelectronics LSM6DSOP Datasheet HTML 46Page - STMicroelectronics LSM6DSOP Datasheet HTML 47Page - STMicroelectronics LSM6DSOP Datasheet HTML 48Page - STMicroelectronics LSM6DSOP Datasheet HTML 49Page - STMicroelectronics LSM6DSOP Datasheet HTML 50Page - STMicroelectronics LSM6DSOP Datasheet HTML 51Page - STMicroelectronics LSM6DSOP Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 107 page
background image
Register description
LSM6DSOP
48/107
DocID032926 Rev 5
9.3
FIFO_CTRL1 (07h)
FIFO control register 1 (r/w)
Table 24. FIFO_CTRL1 register description
9.4
FIFO_CTRL2 (08h)
FIFO control register 2 (r/w)
Table 26. FIFO_CTRL2 register description
Table 23. FIFO_CTRL1 register
WTM7
WTM6
WTM5
WTM4
WTM3
WTM2
WTM1
WTM0
WTM[7:0]
FIFO watermark threshold, in conjunction with WTM8 in FIFO_CTRL2 (08h)
1 LSB = 1 sensor (6 bytes) + TAG (1 byte) written in FIFO
Watermark flag rises when the number of bytes written in the FIFO is greater than or
equal to the threshold level.
Table 25. FIFO_CTRL2 register
STOP_ON
_WTM
FIFO_
COMPR_
RT_EN
0(1)
1. This bit must be set to '0' for the correct operation of the device.
ODRCHG
_EN
0(1)
UNCOPTR
_RATE_1
UNCOPTR
_RATE_0
WTM8
STOP_ON_
WTM
Sensing chain FIFO stop values memorization at threshold level
(0: FIFO depth is not limited (default);
1: FIFO depth is limited to threshold level, defined in FIFO_CTRL1 (07h) and
FIFO_CTRL2 (08h))
FIFO_COMPR_
RT_EN(1)
1. This bit is effective if the FIFO_COMPR_EN bit of EMB_FUNC_EN_B (05h) is set to 1.
Enables/Disables compression algorithm runtime
ODRCHG_EN
Enables ODR CHANGE virtual sensor to be batched in FIFO
UNCOPTR_
RATE_[1:0]
This field configures the compression algorithm to write non-compressed data at
each rate.
(0: Non-compressed data writing is not forced;
1: Non-compressed data every 8 batch data rate;
2: Non-compressed data every 16 batch data rate;
3: Non-compressed data every 32 batch data rate)
WTM8
FIFO watermark threshold, in conjunction with WTM_FIFO[7:0] in FIFO_CTRL1
(07h)
1 LSB = 1 sensor (6 bytes) + TAG (1 byte) written in FIFO
Watermark flag rises when the number of bytes written in the FIFO is greater than
or equal to the threshold level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com