Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSOP Datasheet(PDF) 38 Page - STMicroelectronics

Part # LSM6DSOP
Description  iNEMO inertial module:always-on 3D accelerometer and 3D gyroscope
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSOP Datasheet(HTML) 38 Page - STMicroelectronics

Back Button LSM6DSOP Datasheet HTML 34Page - STMicroelectronics LSM6DSOP Datasheet HTML 35Page - STMicroelectronics LSM6DSOP Datasheet HTML 36Page - STMicroelectronics LSM6DSOP Datasheet HTML 37Page - STMicroelectronics LSM6DSOP Datasheet HTML 38Page - STMicroelectronics LSM6DSOP Datasheet HTML 39Page - STMicroelectronics LSM6DSOP Datasheet HTML 40Page - STMicroelectronics LSM6DSOP Datasheet HTML 41Page - STMicroelectronics LSM6DSOP Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 107 page
background image
Functionality
LSM6DSOP
38/107
DocID032926 Rev 5
6.5
FIFO
The presence of a FIFO allows consistent power saving for the system since the host
processor does not need continuously poll data from the sensor, but It can wake up only
when needed and burst the significant data out from the FIFO.
The LSM6DSOP embeds 3 kbytes of data in FIFO (up to 9 kbytes with the compression
feature enabled) to store the following data:
Gyroscope
Accelerometer
Timestamp
Temperature
Writing data in the FIFO can be configured to be triggered by the accelerometer / gyroscope
data-ready signal
The applications have maximum flexibility in choosing the rate of batching for physical
sensors with FIFO-dedicated configurations: accelerometer, gyroscope and temperature
sensor batching rates can be selected by the user. It is possible to select decimation for
timestamp batching in FIFO with a factor of 1, 8, or 32.
The reconstruction of a FIFO stream is a simple task thanks to the FIFO_DATA_OUT_TAG
byte that allows recognizing the meaning of a word in FIFO.
FIFO allows correct reconstruction of the timestamp information for each sensor stored in
FIFO. If a change in the ODR or BDR (Batching Data Rate) configuration is performed, the
application can correctly reconstruct the timestamp and know exactly when the change was
applied without disabling FIFO batching. FIFO stores information of the new configuration
and timestamp in which the change was applied in the device.
Finally, FIFO embeds a compression algorithm that the user can enable in order to have up
to 9 kbytes data stored in FIFO and take advantage of interface communication length for
FIFO flushing and communication power consumption.
The programmable FIFO watermark threshold can be set in FIFO_CTRL1 (07h) and
FIFO_CTRL2 (08h) using the WTM[8:0] bits. To monitor the FIFO status, dedicated
registers (FIFO_STATUS1 (3Ah), FIFO_STATUS2 (3Bh)) can be read to detect FIFO
overrun events, FIFO full status, FIFO empty status, FIFO watermark status and the number
of unread samples stored in the FIFO. To generate dedicated interrupts on the INT pin of
these status events, the configuration can be set in INT_CTRL (0Dh) and INT_CTRL
register description.
The FIFO buffer can be configured according to six different modes:
Bypass mode
FIFO mode
Continuous mode
Continuous-to-FIFO mode
Bypass-to-continuous mode
Bypass-to-FIFO mode
Each mode is selected by the FIFO_MODE_[2:0] bits in the FIFO_CTRL4 (0Ah) register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com