Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSOP Datasheet(PDF) 75 Page - STMicroelectronics

Part # LSM6DSOP
Description  iNEMO inertial module:always-on 3D accelerometer and 3D gyroscope
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSOP Datasheet(HTML) 75 Page - STMicroelectronics

Back Button LSM6DSOP Datasheet HTML 71Page - STMicroelectronics LSM6DSOP Datasheet HTML 72Page - STMicroelectronics LSM6DSOP Datasheet HTML 73Page - STMicroelectronics LSM6DSOP Datasheet HTML 74Page - STMicroelectronics LSM6DSOP Datasheet HTML 75Page - STMicroelectronics LSM6DSOP Datasheet HTML 76Page - STMicroelectronics LSM6DSOP Datasheet HTML 77Page - STMicroelectronics LSM6DSOP Datasheet HTML 78Page - STMicroelectronics LSM6DSOP Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 107 page
background image
DocID032926 Rev 5
75/107
LSM6DSOP
Register description
107
9.44
INT_PD_CFG (62h)
INT pull-down register (r/w)
Table 120. INT_PD_CFG register description
9.45
INTERNAL_FREQ_FINE (63h)
Internal frequency register (r)
Table 122. INTERNAL_FREQ_FINE register description
9.46
X_OFS_USR (73h)
Accelerometer X-axis user offset correction (r/w). The offset value set in the X_OFS_USR
offset register is internally subtracted from the acceleration value measured on the X-axis.
Table 119. INT_PD_CFG register
0(1)
1. This bit must be set to '0' for the correct operation of the device.
0(1)
0(1)
0(1)
0(1)
0(1)
0(1)
PD_DIS_
INT
PD_DIS_INT
This bit allows disabling the INT pull-down.
(0: Pull-down on INT enabled (pull-down is effectively connected only when no
interrupts are routed to the INT pin);
1: Pull-down on INT disabled (pull-down not connected).
Table 121. INTERNAL_FREQ_FINE register
FREQ_
FINE7
FREQ_
FINE6
FREQ_
FINE5
FREQ_
FINE4
FREQ_
FINE3
FREQ_
FINE2
FREQ_
FINE1
FREQ_
FINE0
FREQ_FINE[7:0]
Difference in percentage of the effective ODR (and timestamp rate) with respect
to the typical. Step: 0.15%. 8-bit format, 2's complement.
Table 123. X_OFS_USR register
X_OFS_
USR_7
X_OFS_
USR_6
X_OFS_
USR_5
X_OFS_
USR_4
X_OFS_
USR_3
X_OFS_
USR_2
X_OFS_
USR_1
X_OFS_
USR_0
Table 124. X_OFS_USR register description
X_OFS_USR_
[7:0]
Accelerometer X-axis user offset correction expressed in two’s complement,
weight depends on USR_OFF_W in CTRL6_C (15h). The value must be in the
range [-127 127].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com