Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSOP Datasheet(PDF) 71 Page - STMicroelectronics

Part # LSM6DSOP
Description  iNEMO inertial module:always-on 3D accelerometer and 3D gyroscope
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSOP Datasheet(HTML) 71 Page - STMicroelectronics

Back Button LSM6DSOP Datasheet HTML 67Page - STMicroelectronics LSM6DSOP Datasheet HTML 68Page - STMicroelectronics LSM6DSOP Datasheet HTML 69Page - STMicroelectronics LSM6DSOP Datasheet HTML 70Page - STMicroelectronics LSM6DSOP Datasheet HTML 71Page - STMicroelectronics LSM6DSOP Datasheet HTML 72Page - STMicroelectronics LSM6DSOP Datasheet HTML 73Page - STMicroelectronics LSM6DSOP Datasheet HTML 74Page - STMicroelectronics LSM6DSOP Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 107 page
background image
DocID032926 Rev 5
71/107
LSM6DSOP
Register description
107
9.37
TIMESTAMP0 (40h), TIMESTAMP1 (41h), TIMESTAMP2 (42h),
and TIMESTAMP3 (43h)
Timestamp first data output register (r). The value is expressed as a 32-bit word and the bit
resolution is 25 μs.
Table 105. TIMESTAMP output register description
9.38
LIR_CONFIG (56h)
Activity/inactivity functions, configuration of filtering (r/w).
Table 107. LIR_CONFIG register description
Table 104. TIMESTAMP output registers
D31
D30
D29
D28
D27
D26
D25
D24
D23
D22
D21
D20
D19
D18
D17
D16
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
D[31:0]
Timestamp output registers: 1LSB = 25 μs
Table 106. LIR_CONFIG register
0(1)
1. This bit must be set to '0' for the correct operation of the device.
INT_CLR
_ON_
READ
SLEEP_
STATUS_
ON_INT
SLOPE_
FDS
0(1)
0(1)
0(1)
LIR
INT_CLR_ON_
READ
This bit allows immediately clearing the latched interrupts of an event detection
upon the read of the corresponding status register. It must be set to 1 together
with LIR. Default value: 0
(0: latched interrupt signal cleared at the end of the ODR period;
1: latched interrupt signal immediately cleared)
SLEEP_STATUS
_ON_INT
Activity/inactivity interrupt mode configuration.
If the INT_SLEEP_CHANGE bit is enabled, drives the sleep status or sleep
change on the INT pin. Default value: 0
(0: sleep change notification on INT pin; 1: sleep status reported on INT pin)
SLOPE_FDS
HPF or SLOPE filter selection on wake-up and Activity/Inactivity functions.
Default value: 0
(0: SLOPE filter applied; 1: HPF applied)
LIR
Latched Interrupt. Default value: 0
(0: interrupt request not latched; 1: interrupt request latched)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com