Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSOP Datasheet(PDF) 59 Page - STMicroelectronics

Part # LSM6DSOP
Description  iNEMO inertial module:always-on 3D accelerometer and 3D gyroscope
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSOP Datasheet(HTML) 59 Page - STMicroelectronics

Back Button LSM6DSOP Datasheet HTML 55Page - STMicroelectronics LSM6DSOP Datasheet HTML 56Page - STMicroelectronics LSM6DSOP Datasheet HTML 57Page - STMicroelectronics LSM6DSOP Datasheet HTML 58Page - STMicroelectronics LSM6DSOP Datasheet HTML 59Page - STMicroelectronics LSM6DSOP Datasheet HTML 60Page - STMicroelectronics LSM6DSOP Datasheet HTML 61Page - STMicroelectronics LSM6DSOP Datasheet HTML 62Page - STMicroelectronics LSM6DSOP Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 107 page
background image
DocID032926 Rev 5
59/107
LSM6DSOP
Register description
107
9.17
CTRL7_G (16h)
Control register 7 (r/w)
Table 57. CTRL7_G register description
Table 56. CTRL7_G register
G_HM_
MODE
HP_EN_G
HPM1_G
HPM0_G
0(1)
1. This bit must be set to '0' for the correct operation of the device.
0(1)
USR_
OFF_ON
_ OUT
0(1)
G_HM_MODE
Disables high-performance operating mode for gyroscope. Default: 0
(0: high-performance operating mode enabled;
1: high-performance operating mode disabled)
HP_EN_G
Enables gyroscope digital high-pass filter. The filter is enabled only if the gyro is
in HP mode. Default value: 0
(0: HPF disabled; 1: HPF enabled)
HPM_G[1:0]
Gyroscope digital HP filter cutoff selection. Default: 00
(00: 16 mHz;
01: 65 mHz;
10: 260 mHz;
11: 1.04 Hz)
USR_OFF_
ON_ OUT
Enables accelerometer user offset correction block; it's valid for the low-pass
path - see Figure 15: Accelerometer composite filter. Default value: 0
(0: accelerometer user offset correction block bypassed;
1: accelerometer user offset correction block enabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com