Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSOP Datasheet(PDF) 63 Page - STMicroelectronics

Part # LSM6DSOP
Description  iNEMO inertial module:always-on 3D accelerometer and 3D gyroscope
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSOP Datasheet(HTML) 63 Page - STMicroelectronics

Back Button LSM6DSOP Datasheet HTML 59Page - STMicroelectronics LSM6DSOP Datasheet HTML 60Page - STMicroelectronics LSM6DSOP Datasheet HTML 61Page - STMicroelectronics LSM6DSOP Datasheet HTML 62Page - STMicroelectronics LSM6DSOP Datasheet HTML 63Page - STMicroelectronics LSM6DSOP Datasheet HTML 64Page - STMicroelectronics LSM6DSOP Datasheet HTML 65Page - STMicroelectronics LSM6DSOP Datasheet HTML 66Page - STMicroelectronics LSM6DSOP Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 107 page
background image
DocID032926 Rev 5
63/107
LSM6DSOP
Register description
107
9.21
ALL_INT_SRC (1Ah)
Source register for all interrupts (r)
Table 66. ALL_INT_SRC register description
9.22
WAKE_UP_SRC (1Bh)
Wake-up interrupt source register (r)
Table 65. ALL_INT_SRC register
TIMESTAMP_
ENDCOUNT
0
SLEEP_
CHANGE_IA
D6D_IA
0
0
WU_IA
0
TIMESTAMP_ENDCOUNT
Alerts timestamp overflow within 6.4 ms
SLEEP_CHANGE_IA
Detects change event in activity/inactivity status. Default value: 0
(0: change status not detected; 1: change status detected)
D6D_IA
Interrupt active for change in position of portrait, landscape, face-up,
face-down. Default value: 0
(0: change in position not detected; 1: change in position detected)
WU_IA
Wake-up event status. Default value: 0
(0: event not detected, 1: event detected)
Table 67. WAKE_UP_SRC register
0
SLEEP_
CHANGE_IA
0
SLEEP_
STATE
WU_IA
X_WU
Y_WU
Z_WU
Table 68. WAKE_UP_SRC register description
SLEEP_
CHANGE_IA
Detects change event in activity/inactivity status. Default value: 0
(0: change status not detected; 1: change status detected)
SLEEP_
STATE
Sleep status bit. Default value: 0
(0: Activity status; 1: Inactivity status)
WU_IA
Wakeup event detection status. Default value: 0
(0: wakeup event not detected; 1: wakeup event detected.)
X_WU
Wakeup event detection status on X-axis. Default value: 0
(0: wakeup event on X-axis not detected; 1: wakeup event on X-axis detected)
Y_WU
Wakeup event detection status on Y-axis. Default value: 0
(0: wakeup event on Y-axis not detected; 1: wakeup event on Y-axis detected)
Z_WU
Wakeup event detection status on Z-axis. Default value: 0
(0: wakeup event on Z-axis not detected; 1: wakeup event on Z-axis detected)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com