Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSOP Datasheet(PDF) 65 Page - STMicroelectronics

Part # LSM6DSOP
Description  iNEMO inertial module:always-on 3D accelerometer and 3D gyroscope
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSOP Datasheet(HTML) 65 Page - STMicroelectronics

Back Button LSM6DSOP Datasheet HTML 61Page - STMicroelectronics LSM6DSOP Datasheet HTML 62Page - STMicroelectronics LSM6DSOP Datasheet HTML 63Page - STMicroelectronics LSM6DSOP Datasheet HTML 64Page - STMicroelectronics LSM6DSOP Datasheet HTML 65Page - STMicroelectronics LSM6DSOP Datasheet HTML 66Page - STMicroelectronics LSM6DSOP Datasheet HTML 67Page - STMicroelectronics LSM6DSOP Datasheet HTML 68Page - STMicroelectronics LSM6DSOP Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 107 page
background image
DocID032926 Rev 5
65/107
LSM6DSOP
Register description
107
9.25
OUT_TEMP_L (20h), OUT_TEMP_H (21h)
Temperature data output register (r). L and H registers together express a 16-bit word in
two’s complement.
9.26
OUTX_L_G (22h) and OUTX_H_G (23h)
Angular rate sensor pitch axis (X) angular rate output register (r). The value is expressed as
a 16-bit word in two’s complement.
9.27
OUTY_L_G (24h) and OUTY_H_G (25h)
Angular rate sensor roll axis (Y) angular rate output register (r). The value is expressed as a
16-bit word in two’s complement.
Table 73. OUT_TEMP_L register
Temp7
Temp6
Temp5
Temp4
Temp3
Temp2
Temp1
Temp0
Table 74. OUT_TEMP_H register
Temp15
Temp14
Temp13
Temp12
Temp11
Temp10
Temp9
Temp8
Table 75. OUT_TEMP register description
Temp[15:0]
Temperature sensor output data
The value is expressed as two’s complement sign extended on the MSB.
Table 76. OUTX_L_G register
D7
D6
D5
D4
D3
D2
D1
D0
Table 77. OUTX_H_G register
D15
D14
D13
D12
D11
D10
D9
D8
Table 78. OUTX_H_G register description
D[15:0]
Pitch axis (X) angular rate value
Table 79. OUTY_L_G register
D7
D6
D5
D4
D3
D2
D1
D0
Table 80. OUTY_H_G register
D15
D14
D13
D12
D11
D10
D9
D8
Table 81. OUTY_H_G register description
D[15:0]
Roll axis (Y) angular rate value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com