Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSOP Datasheet(PDF) 35 Page - STMicroelectronics

Part # LSM6DSOP
Description  iNEMO inertial module:always-on 3D accelerometer and 3D gyroscope
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSOP Datasheet(HTML) 35 Page - STMicroelectronics

Back Button LSM6DSOP Datasheet HTML 31Page - STMicroelectronics LSM6DSOP Datasheet HTML 32Page - STMicroelectronics LSM6DSOP Datasheet HTML 33Page - STMicroelectronics LSM6DSOP Datasheet HTML 34Page - STMicroelectronics LSM6DSOP Datasheet HTML 35Page - STMicroelectronics LSM6DSOP Datasheet HTML 36Page - STMicroelectronics LSM6DSOP Datasheet HTML 37Page - STMicroelectronics LSM6DSOP Datasheet HTML 38Page - STMicroelectronics LSM6DSOP Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 107 page
background image
DocID032926 Rev 5
35/107
LSM6DSOP
Functionality
107
6.3
Gyroscope power modes
In the LSM6DSOP, the gyroscope can be configured in four different operating modes:
power-down, low-power, normal mode and high-performance mode. The operating mode
selected depends on the value of the G_HM_MODE bit in CTRL7_G (16h). If G_HM_MODE
is set to '0', high-performance mode is valid for all ODRs (from 12.5 Hz up to 6.66 kHz).
To enable the low-power and normal mode, the G_HM_MODE bit has to be set to '1'. Low-
power mode is available for lower ODRs (12.5, 26, 52 Hz) while normal mode is available
for ODRs equal to 104 and 208 Hz.
6.4
Block diagram of filters
Figure 13. Block diagram of filters
6.4.1
Block diagrams of the accelerometer filters
In the LSM6DSOP, the filtering chain for the accelerometer part is composed of the
following:
Analog filter (anti-aliasing)
Digital filter (LPF1)
Composite filter
Details of the block diagram appear in the following figure.
Figure 14. Accelerometer chain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com