Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSOP Datasheet(PDF) 79 Page - STMicroelectronics

Part # LSM6DSOP
Description  iNEMO inertial module:always-on 3D accelerometer and 3D gyroscope
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSOP Datasheet(HTML) 79 Page - STMicroelectronics

Back Button LSM6DSOP Datasheet HTML 75Page - STMicroelectronics LSM6DSOP Datasheet HTML 76Page - STMicroelectronics LSM6DSOP Datasheet HTML 77Page - STMicroelectronics LSM6DSOP Datasheet HTML 78Page - STMicroelectronics LSM6DSOP Datasheet HTML 79Page - STMicroelectronics LSM6DSOP Datasheet HTML 80Page - STMicroelectronics LSM6DSOP Datasheet HTML 81Page - STMicroelectronics LSM6DSOP Datasheet HTML 82Page - STMicroelectronics LSM6DSOP Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 107 page
background image
DocID032926 Rev 5
79/107
LSM6DSOP
Embedded functions register mapping
107
10
Embedded functions register mapping
The table given below provides a list of the registers for the embedded functions available in
the device and the corresponding addresses. Embedded functions registers are accessible
when FUNC_CFG_EN is set to '1' in FUNC_CFG_ACCESS (01h).
Table 138. Register address map - embedded functions
Name
Type
Register address
Default
Comment
Hex
Binary
PAGE_SEL
r/w
02
00000010
00000001
RESERVED
-
04
00000100
EMB_FUNC_EN_B
r/w
05
00000101
00000000
PAGE_ADDRESS
r/w
08
00001000
00000000
PAGE_VALUE
r/w
09
00001001
00000000
EMB_FUNC_INT
r/w
0A
00001010
00000000
FSM_INT_A
r/w
0B
00001011
00000000
FSM_INT_B
r/w
0C
00001100
00000000
RESERVED
-
0E-10
EMB_FUNC_STATUS
r
12
00010010
output
FSM_STATUS_A
r
13
00010011
output
FSM_STATUS_B
r
14
00010100
output
PAGE_RW
r/w
17
00010111
00000000
RESERVED
-
18-44
FSM_ENABLE_A
r/w
46
01000110
00000000
FSM_ENABLE_B
r/w
47
01000111
00000000
FSM_LONG_COUNTER_L
r/w
48
01001000
00000000
FSM_LONG_COUNTER_H
r/w
49
01001001
00000000
FSM_LONG_COUNTER_CLEAR
r/w
4A
01001010
00000000
FSM_OUTS1
r
4C
01001100
output
FSM_OUTS2
r
4D
01001101
output
FSM_OUTS3
r
4E
01001110
output
FSM_OUTS4
r
4F
01001111
output
FSM_OUTS5
r
50
01010000
output
FSM_OUTS6
r
51
01010001
output
FSM_OUTS7
r
52
01010010
output
FSM_OUTS8
r
53
01010011
output
FSM_OUTS9
r
54
01010100
output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com