Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSOP Datasheet(PDF) 19 Page - STMicroelectronics

Part # LSM6DSOP
Description  iNEMO inertial module:always-on 3D accelerometer and 3D gyroscope
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSOP Datasheet(HTML) 19 Page - STMicroelectronics

Back Button LSM6DSOP Datasheet HTML 15Page - STMicroelectronics LSM6DSOP Datasheet HTML 16Page - STMicroelectronics LSM6DSOP Datasheet HTML 17Page - STMicroelectronics LSM6DSOP Datasheet HTML 18Page - STMicroelectronics LSM6DSOP Datasheet HTML 19Page - STMicroelectronics LSM6DSOP Datasheet HTML 20Page - STMicroelectronics LSM6DSOP Datasheet HTML 21Page - STMicroelectronics LSM6DSOP Datasheet HTML 22Page - STMicroelectronics LSM6DSOP Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 107 page
background image
DocID032926 Rev 5
19/107
LSM6DSOP
Module specifications
107
LA_OffDr
Linear acceleration zero-g level
change vs. temperature(3)
±0.1
mg/ °C
G_OffDr
Angular rate typical zero-rate
level change vs. temperature(3)
±0.015
dps/°C
Rn
Rate noise density in high-
performance mode(5)
3.8
mdps/√Hz
APCRMS(6)
Gyroscope RMS noise in APC
mode
60
mdps
An
Acceleration noise density
in high-performance mode(7)
FS = ±2 g
70
μg/√Hz
RMS
Acceleration RMS noise
in normal/low-power mode(8)(9)
FS = ±2 g
1.8
mg(RMS)
Acceleration RMS noise
in ultra-low-power mode(8)(9)
5.5
Acceleration RMS noise
in advanced power cycling mode
5.5
LA_ODR
Linear acceleration output data
rate
1.6(10)
12.5
26
52
104
208
416
833
1666
3332
6664
Hz
G_ODR
Angular rate output data rate
12.5
26
52
104
208
416
833
1666
3332
6664
Vst
Linear acceleration
self-test output change(11)(12)(13)
50
1700
mg
Angular rate
self-test output change(14)(15)
FS = ±250 dps
20
80
dps
FS = ±2000 dps
150
700
dps
Top
Operating temperature range
-40
+85
°C
1. Typical specifications are not guaranteed.
2. Sensitivity values after factory calibration test and trimming.
Table 3. Mechanical characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.(1)
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com