Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSOP Datasheet(PDF) 97 Page - STMicroelectronics

Part # LSM6DSOP
Description  iNEMO inertial module:always-on 3D accelerometer and 3D gyroscope
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSOP Datasheet(HTML) 97 Page - STMicroelectronics

Back Button LSM6DSOP Datasheet HTML 93Page - STMicroelectronics LSM6DSOP Datasheet HTML 94Page - STMicroelectronics LSM6DSOP Datasheet HTML 95Page - STMicroelectronics LSM6DSOP Datasheet HTML 96Page - STMicroelectronics LSM6DSOP Datasheet HTML 97Page - STMicroelectronics LSM6DSOP Datasheet HTML 98Page - STMicroelectronics LSM6DSOP Datasheet HTML 99Page - STMicroelectronics LSM6DSOP Datasheet HTML 100Page - STMicroelectronics LSM6DSOP Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 107 page
background image
DocID032926 Rev 5
97/107
LSM6DSOP
Embedded functions register description
107
11.32
EMB_FUNC_ODR_CFG_B (5Fh)
Finite State Machine output data rate configuration register (r/w).
Table 204. EMB_FUNC_ODR_CFG_B register description
11.33
EMB_FUNC_INIT_B (67h)
Embedded functions initialization register (r/w)
Table 206. EMB_FUNC_INIT_B register description
Table 203. EMB_FUNC_ODR_CFG_B register
0(1)
1. This bit must be set to '0' for the correct operation of the device.
1(2)
2. This bit must be set to '1' for the correct operation of the device.
0(1)
FSM_
ODR1
FSM_
ODR0
0(1)
1(2)
1(2)
FSM_ODR[1:0]
Finite State Machine ODR configuration:
(00: 12.5 Hz;
01: 26 Hz (default);
10: 52 Hz;
11: 104 Hz)
Table 205. EMB_FUNC_INIT_B register
0(1)
1. This bit must be set to '0' for the correct operation of the device.
0(1)
0(1)
0(1)
FIFO_
COMPR_
INIT
0(1)
0(1)
FSM_INIT
FIFO_COMPR_INIT
FIFO compression feature initialization request. Default value: 0
FSM_INIT
FSM initialization request. Default value: 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com