Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSOP Datasheet(PDF) 101 Page - STMicroelectronics

Part # LSM6DSOP
Description  iNEMO inertial module:always-on 3D accelerometer and 3D gyroscope
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSOP Datasheet(HTML) 101 Page - STMicroelectronics

Back Button LSM6DSOP Datasheet HTML 97Page - STMicroelectronics LSM6DSOP Datasheet HTML 98Page - STMicroelectronics LSM6DSOP Datasheet HTML 99Page - STMicroelectronics LSM6DSOP Datasheet HTML 100Page - STMicroelectronics LSM6DSOP Datasheet HTML 101Page - STMicroelectronics LSM6DSOP Datasheet HTML 102Page - STMicroelectronics LSM6DSOP Datasheet HTML 103Page - STMicroelectronics LSM6DSOP Datasheet HTML 104Page - STMicroelectronics LSM6DSOP Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 107 page
background image
DocID032926 Rev 5
101/107
LSM6DSOP
Pull-up configuration register
107
14
Pull-up configuration register
The PU_CONFIG register is accessible when PU_REG_ACCESS is set to '1' in
FUNC_CFG_ACCESS (01h).
14.1
PU_CONFIG (14h)
Pull-up configuration register (r/w)
Table 220. PU_CONFIG register description
Table 218. Pull-up configuration register
Name
Type
Register address
Default
Comment
Hex
Binary
PU_CONFIG
rw
14
00010100
00000000
Table 219. PU_CONFIG register
0(1)
1. This bit must be set to '0' for the correct operation of the device.
0(1)
0(1)
0(1)
PU_EN
0(1)
0(1)
0(1)
PU_EN
Pull-up enable for pin 2 and pin 3. Default value: 0
(0: internal pull-up disabled; 1: internal pull-up enabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com