Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSOP Datasheet(PDF) 76 Page - STMicroelectronics

Part # LSM6DSOP
Description  iNEMO inertial module:always-on 3D accelerometer and 3D gyroscope
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSOP Datasheet(HTML) 76 Page - STMicroelectronics

Back Button LSM6DSOP Datasheet HTML 72Page - STMicroelectronics LSM6DSOP Datasheet HTML 73Page - STMicroelectronics LSM6DSOP Datasheet HTML 74Page - STMicroelectronics LSM6DSOP Datasheet HTML 75Page - STMicroelectronics LSM6DSOP Datasheet HTML 76Page - STMicroelectronics LSM6DSOP Datasheet HTML 77Page - STMicroelectronics LSM6DSOP Datasheet HTML 78Page - STMicroelectronics LSM6DSOP Datasheet HTML 79Page - STMicroelectronics LSM6DSOP Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 107 page
background image
Register description
LSM6DSOP
76/107
DocID032926 Rev 5
9.47
Y_OFS_USR (74h)
Accelerometer Y-axis user offset correction (r/w). The offset value set in the Y_OFS_USR
offset register is internally subtracted from the acceleration value measured on the Y-axis.
Table 126. Y_OFS_USR register description
9.48
Z_OFS_USR (75h)
Accelerometer Z-axis user offset correction (r/w). The offset value set in the Z_OFS_USR
offset register is internally subtracted from the acceleration value measured on the Z-axis.
Table 128. Z_OFS_USR register description
9.49
FIFO_DATA_OUT_TAG (78h)
FIFO tag register (r)
Table 130. FIFO_DATA_OUT_TAG register description
Table 125. Y_OFS_USR register
Y_OFS_
USR_7
Y_OFS_
USR_6
Y_OFS_
USR_5
Y_OFS_
USR_4
Y_OFS_
USR_3
Y_OFS_
USR_2
Y_OFS_
USR_1
Y_OFS_
USR_0
Y_OFS_
USR_[7:0]
Accelerometer Y-axis user offset calibration expressed in 2’s complement, weight
depends on USR_OFF_W in CTRL6_C (15h). The value must be in the range
[-127, +127].
Table 127. Z_OFS_USR register
Z_OFS_
USR_7
Z_OFS_
USR_6
Z_OFS_
USR_5
Z_OFS_
USR_4
Z_OFS_
USR_3
Z_OFS_
USR_2
Z_OFS_
USR_1
Z_OFS_
USR_0
Z_OFS_
USR_[7:0]
Accelerometer Z-axis user offset calibration expressed in 2’s complement, weight
depends on USR_OFF_W in CTRL6_C (15h). The value must be in the range
[-127, +127].
Table 129. FIFO_DATA_OUT_TAG register
TAG_
SENSOR_
4
TAG_
SENSOR_
3
TAG_
SENSOR_
2
TAG_
SENSOR_
1
TAG_
SENSOR_
0
TAG_CNT
_1
TAG_CNT
_0
TAG_
PARITY
TAG_SENSOR_[4:0]
FIFO tag: identifies the sensor in:
FIFO_DATA_OUT_X_L (79h) and FIFO_DATA_OUT_X_H (7Ah),
FIFO_DATA_OUT_Y_L (7Bh) and FIFO_DATA_OUT_Y_H (7Ch), and
FIFO_DATA_OUT_Z_L (7Dh) and FIFO_DATA_OUT_Z_H (7Eh)
For details, refer to Table 131: FIFO tag
TAG_CNT_[1:0]
2-bit counter which identifies sensor time slot
TAG_PARITY
Parity check of TAG content



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com