Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSOP Datasheet(PDF) 14 Page - STMicroelectronics

Part # LSM6DSOP
Description  iNEMO inertial module:always-on 3D accelerometer and 3D gyroscope
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSOP Datasheet(HTML) 14 Page - STMicroelectronics

Back Button LSM6DSOP Datasheet HTML 10Page - STMicroelectronics LSM6DSOP Datasheet HTML 11Page - STMicroelectronics LSM6DSOP Datasheet HTML 12Page - STMicroelectronics LSM6DSOP Datasheet HTML 13Page - STMicroelectronics LSM6DSOP Datasheet HTML 14Page - STMicroelectronics LSM6DSOP Datasheet HTML 15Page - STMicroelectronics LSM6DSOP Datasheet HTML 16Page - STMicroelectronics LSM6DSOP Datasheet HTML 17Page - STMicroelectronics LSM6DSOP Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 107 page
background image
Embedded low-power features
LSM6DSOP
14/107
DocID032926 Rev 5
2
Embedded low-power features
The LSM6DSOP features the following on-chip functions:
 9 kbytes data buffering, data can be compressed two or three times
–
100% efficiency with flexible configurations and partitioning
–
Possibility to store timestamp
 Event-detection interrupts (fully configurable):
–
Wakeup
–
6D orientation
–
Activity/inactivity recognition
–
Stationary/Motion detection
 Specific IP blocks with negligible power consumption and high-performance:
–
Finite State Machine (FSM) for accelerometer, gyroscope
2.1
Finite State Machine
The LSM6DSOP can be configured to generate interrupt signals activated by user-defined
motion patterns. To do this, up to 16 embedded finite state machines can be programmed
independently for motion detection such as glance gestures, absolute wrist tilt, shake and
double-shake detection.
Definition of Finite State Machine
A state machine is a mathematical abstraction used to design logic connections. It is a
behavioral model composed of a finite number of states and transitions between states,
similar to a flow chart in which one can inspect the way logic runs when certain conditions
are met. The state machine begins with a start state, goes to different states through
transitions dependent on the inputs, and can finally end in a specific state (called stop state).
The current state is determined by the past states of the system. Figure 1: Generic state
machine shows a generic state machine.
Figure 1. Generic state machine



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com