Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C930VC/W Datasheet(PDF) 114 Page - Advanced Micro Devices

Part # AM79C930VC/W
Description  PCnet-Mobile Single-Chip Wireless LAN Media Access Controller
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C930VC/W Datasheet(HTML) 114 Page - Advanced Micro Devices

Back Button AM79C930VC/W Datasheet HTML 110Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 111Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 112Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 113Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 114Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 115Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 116Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 117Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 118Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 161 page
background image
AMD
P R E L I M I N A R Y
114
Am79C930
In addition to these bits, the USER6/IRQ5 pin may be used to pro-
duce interrupts to the 80188 embedded controller. This capability is
controlled by the ENXSDF bit of TCR28 and the SDFU bit of TIR5
and operates independently of the bits in the table above.
2
USER5EN
0
USER5 Enable. USER5EN, the USER5FN bit of TCR15, the ISA
PnP interrupt level select register, the ISA PnP interrupt type regis-
ter, and the PCMCIA pin are used to determine the function of the
USER5IRQ4 pin.
The control of the function of the USER5/IRQ4 pin is described in
the
Multi-Function Pin section.
In addition to these bits, the USER5/IRQ4 pin may be used to pro-
duce interrupts to the 80188 embedded controller. This capability is
controlled by the ENXCHBSY bit of TCR28 and the CHBSYCU bit
of TIR5 and operates independently of the bits in the table above.
1
ACTEN
1
Activity LED Enable. This bit can be used to control the ACT LED
output. The control of the function of the ACT pin is described in the
Multi-Function Pin section.
0
STSCHGFN
1
STSCHG Function. This bit is used to determine the function of the
STSCHG pin. When this bit is set to a 1, then the value of the
STSCHG pin is equal to the NAND result of the MIR9 STSCHGD bit
value and the PCMCIA CCSR WAKEUP bit value. When this bit is
set to a 0, then the value of the STSCHG pin is equal to the inver-
sion of the MIR9 STSCHGD bit value.
THIS FUNCTION IS ONLY
AVAILABLE IN PCMCIA MODE.
The complete control of the function of the STSCHG/BALE pin is
described in the
Multi-Function Pin section.
TCR16: Baud Detect Start
This register is the Baud Detect Start register. This reg-
ister is used to program the start time for the Baud de-
tection circuit. The start time is compared against the
current value of the antenna diversity timer and the baud
detect test begins when the compare is TRUE. Note that
the antenna diversity timer is a count down timer with an
initial value specified in TCR4. If the automatic antenna
diversity logic is disabled, then the antenna diversity
timer continues to run and provide a reference point for
the start of the Baud Detect Start value.
CONFIGURATION REGISTER INDEX:
10h
Bit
Name
Reset Value
Description
7–6
Reserved
–
Reserved. Must be written as a 0. Reads of this bit produce
undefined data.
5–0
BDS[5:0]
00h
Baud Detect Start. The value in this register is used to determine
when the baud detection circuit will begin examining incoming RXD
data. The baud detection begins when the antenna diversity timer
of TCR4 reaches the value specified here as BDS[5:0]. The an-
tenna diversity timer is a count down timer operating at a resolution
equal to 20 times the CLKIN period when the CLKGT20 bit of MIR9
is set to 0 and a resolution equal to 40 times the CLKIN period when
the CLKGT20 bit of MIR9 is set to 1. For a 1 Mbs data rate with
CLKIN = 20 MHz and CLKGT20 = 0, the resolution is 1
µ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com