Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C930VC/W Datasheet(PDF) 117 Page - Advanced Micro Devices

Part # AM79C930VC/W
Description  PCnet-Mobile Single-Chip Wireless LAN Media Access Controller
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C930VC/W Datasheet(HTML) 117 Page - Advanced Micro Devices

Back Button AM79C930VC/W Datasheet HTML 113Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 114Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 115Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 116Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 117Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 118Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 119Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 120Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 121Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 161 page
background image
P R E L I M I N A R Y
AMD
117
Am79C930
CONFIGURATION REGISTER INDEX:
15h
Bit
Name
Reset Value
Description
3–0
BDRN[3:0]
0h
Baud Detect Ratio. These bits are used to set the ratio of good to
bad baud detections which will be used as the minimum ratio to de-
termine that a valid signal is present on the medium. The value in
this register is treated as a radix 2 positive real number with two
decimal places. The lowest practical value possible is 0.25 (=00.01)
and the highest practical value is 3.75 (=11.11).
TCR22: Baud Detect Accept Count
This register is the Baud Detect Accept Count register. A
read-only register that indicates the current number of
good transitions detected by the baud detector.
CONFIGURATION REGISTER INDEX:
16h
Bit
Name
Reset Value
Description
7–6
Reserved
–
Reserved. Must be written as a 0. Reads of this bit produce
undefined data.
5–0
ACPT[5:0]
00h
Accept[5:0] The value of these bits indicates the current number
of good transitions detected by the baud detector. This is a
read-only register.
TCR23: Baud Detect Fail Count
This register is the Baud Detect Fail Count register. A
read-only register that indicates the current number of
bad transitions detected by the baud detector.
CONFIGURATION REGISTER INDEX:
17h
Bit
Name
Reset Value
Description
7–6
Reserved
–
Reserved. Must be written as a 0. Reads of this bit produce
undefined data.
5–0
FAIL[5:0]
00h
Fail[5:0] The value of these bits indicates the current number of
bad transitions detected by the baud detector. This is a
read-only register.
TCR24: RSSI Sample Start
This register is the RSSI Sample Start register. The
value in this register is used to determine when to cap-
ture a sample of the RSSI input for A/D conversion dur-
ing antenna diversity operation. The register value is a
measure of the time of RSSI sample relative to the an-
tenna switching event. A register value of 0 means that
no RSSI samples will be taken.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com