Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C930VC/W Datasheet(PDF) 120 Page - Advanced Micro Devices

Part # AM79C930VC/W
Description  PCnet-Mobile Single-Chip Wireless LAN Media Access Controller
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C930VC/W Datasheet(HTML) 120 Page - Advanced Micro Devices

Back Button AM79C930VC/W Datasheet HTML 116Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 117Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 118Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 119Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 120Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 121Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 122Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 123Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 124Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 161 page
background image
AMD
P R E L I M I N A R Y
120
Am79C930
TCR26: Reserved
This register is the TAI reserved location register.
CONFIGURATION REGISTER INDEX:
1Ah
Bit
Name
Reset Value
Description
7–0
Reserved
–
Reserved. Must be written as a 0. Reads of this bit produce
undefined data.
TCR27: TIP LED Scramble
This register is the Network Interface Polarity register.
This register is used to set the polarity of some of the
transceiver interface output pins.
CONFIGURATION REGISTER INDEX:
1Bh
Bit
Name
Reset Value
Description
7
DISRNR
0
Disable RUNERR. When DISRNR is set to a 1, then the RUNERR
bit of TCR11 will always be held at a 0 value. When DISRNR is set
to a 0, then the RUNERR bit of TCR11 will function as described in
the TCR11 bit description.
6
Reserved
–
Reserved. Must be written as a 0. Reads of these bits produce
undefined data.
5
Reserved
0
Reserved. Must be written as a 0. Reads of these bits produce
undefined data.
4
LNKDR
0
LNK pin drive. When set to a 0, the drive of the LNK pin will be open
drain. When set to a 1, the drive of the
LNK pin will be totem pole,
i.e., both high and low output values will be driven.
Complete control of the function of the
LNK pin is described in the
Multi-Function Pin section.
3
ACTDR
0
ACT pin drive. When set to a 0, the drive of the ACT pin will be open
drain. When set to a 1, the drive of the
ACT pin will be totem pole,
i.e., both high and low output values will be driven.
Complete control of the function of the
ACT pin is described in the
Multi-Function Pin section.
2
FDETPOL
0
FDET Polarity. When this bit is set to a 0, then the polarity of the
FDET output will be low assert, such that when the SFD pattern has
been recognized in the incoming receive data stream or the outgo-
ing transmit data stream, the
FDET pin will be driven to a LOW logic
level. When this bit is set to a 1, then the polarity of the
FDET output
will be high assert, such that when the SFD pattern has been recog-
nized in the incoming receive data stream or the outgoing transmit
data stream, the
FDET pin will be driven to a HIGH logic level.
1
TXPEPOL
0
TXPE Polarity. When this bit is set to a 0, then the polarity of the
TXPE output will be low assert, such that when the TGAP1 counter
expires, the
TXPE pin will be driven to a LOW logic level. When this
bit is set to a 1, then the polarity of the
TXPE output will be high as-
sert, such that when the TGAP1 counter expires, the
TXPE pin will
be driven to a HIGH logic level.
0
TXMODPOL
0
TXMOD Polarity. When this bit is set to a 0, then the polarity of the
TXMOD output will be low assert, such that when the TGAP2
counter expires, the
TXMOD pin will be driven to a LOW logic level.
When this bit is set to a 1, then the polarity of the
TXMOD output will



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com