Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C930VC/W Datasheet(PDF) 123 Page - Advanced Micro Devices

Part # AM79C930VC/W
Description  PCnet-Mobile Single-Chip Wireless LAN Media Access Controller
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C930VC/W Datasheet(HTML) 123 Page - Advanced Micro Devices

Back Button AM79C930VC/W Datasheet HTML 119Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 120Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 121Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 122Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 123Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 124Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 125Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 126Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 127Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 161 page
background image
P R E L I M I N A R Y
AMD
123
Am79C930
then a 16-bit deep serial FIFO is inserted into the TX data path. This
FIFO allows for some mismatch to be tolerated in the clock rates
between the Am79C930 internal transmit clock and the external
TXC clock that is connected to the TXC input. Because of this inter-
nal FIFO, the appearance of transmit data from the setting of the
TXS bit in TIR8 will be delayed by 8 bit times whenever the TXCIN
bit has the value of 1.
The control of the function of the TXC pin is described in the
Multi-
Function Pin section.
2:0
DR[2:0]
001b
Data Rate. The value in this register determines the data rate for the
network. The TXC output pin will be affected. The following inter-
pretations have been assigned to these bits:
DR[2:0]
CLKGT20
Network
TCR30[2:0]
MIR9[7]
Data Rate
000
0
reserved
001
0
fCLKIN
÷20
010
0
fCLKIN
÷40
011
0
fCLKIN
÷80
100
0
reserved
101
0
fCLKIN
÷200
110
0
fCLKIN
÷2000
111
0
reserved
000
1
fCLKIN
÷20
001
1
fCLKIN
÷40
010
1
fCLKIN
÷80
011
1
fCLKIN
÷160
100
1
reserved
101
1
fCLKIN
÷400
110
1
fCLKIN
÷4000
111
1
reserved
The Data Rate bits are used together with the CLKGT20 bit to con-
trol clock divider circuits in the DPLL section of the TAI and in the
Transmit State machine section of the TAI. Specifically, the DPLL
clock source will always be set at a rate of 20 times the desired Net-
work Data rate in order to provide the appropriate amount of over-
sampling to insure proper DPLL tracking of the incoming signal.
The Transmit State machine section of the TAI logic will receive a
divided clock that is equal to the desired Network Data Rate.
Note that if the CLKIN frequency is greater than 20 MHz, then the
CLKGT20 bit must be set to 1.
TCR31: Device Revision
This register is the Device Revision register.
CONFIGURATION REGISTER INDEX:
1Fh
Bit
Name
Reset Value
Description
7–0
REV[7:0]
01h
Revision Number. The value in this field contains the revision num-
ber for the current device. The lowest revision number is 01h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com