Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C930VC/W Datasheet(PDF) 125 Page - Advanced Micro Devices

Part # AM79C930VC/W
Description  PCnet-Mobile Single-Chip Wireless LAN Media Access Controller
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C930VC/W Datasheet(HTML) 125 Page - Advanced Micro Devices

Back Button AM79C930VC/W Datasheet HTML 121Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 122Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 123Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 124Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 125Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 126Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 127Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 128Page - Advanced Micro Devices AM79C930VC/W Datasheet HTML 129Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 161 page
background image
P R E L I M I N A R Y
AMD
125
Am79C930
When written with a 1, the PWRDWN bit generates an interrupt to
the 80188, requesting that the 80188 core place the Am79C930 de-
vice into the power down state. The interrupt is signaled in MIR0, bit
5. If written with a 0 while in power down mode, power down mode is
exited. When written with a 1, value read will remain 0 until the de-
vice actually enters the power down mode.
1
Interrupt
–
Represents the internal interrupt level. This signal remains true un-
til the interrupt has been serviced (not pulse generated).
0
Reserved
–
Read only as a 0.
PCMCIA Card Information Structure (CIS)
The PCMCIA CIS space has been allocated to reside in
the flash memory space of a design based on the
Am79C930 device. This space corresponds to 1K–16
bytes of the uppermost 1K of flash memory. Since only
even addressed bytes of attribute memory space are
defined to exist in the PCMCIA specification, only even
addresses of the 2K–32 CIS range will map into the flash
memory, and hence, the 2K–32 address range for the
Am79C930 CIS space is mapped to only 1K–16 bytes of
flash space.
Note that the address range is limited to 2K–32 rather
than a complete 2K of space. This is because the upper-
most 16 bytes of the flash memory must be reserved for
the initial instructions for the 80188 core, since the
80188 core will automatically access these locations for
its initial instruction fetch following a Am79C930 device
reset operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com