Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7786 Datasheet(PDF) 46 Page - STMicroelectronics

Part # TDA7786
Description  ELITE automotive tuners for AM/FM car-radio
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7786 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button TDA7786 Datasheet HTML 42Page - STMicroelectronics TDA7786 Datasheet HTML 43Page - STMicroelectronics TDA7786 Datasheet HTML 44Page - STMicroelectronics TDA7786 Datasheet HTML 45Page - STMicroelectronics TDA7786 Datasheet HTML 46Page - STMicroelectronics TDA7786 Datasheet HTML 47Page - STMicroelectronics TDA7786 Datasheet HTML 48Page - STMicroelectronics TDA7786 Datasheet HTML 49Page - STMicroelectronics TDA7786 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 54 page
background image
Weak signal processing
TDA7786, TDA7786M
46/54
DocID026122 Rev 5
5.1.3
Adjacent channel mute
5.1.4
Stereo blend
Table 38. Adjacent channel mute - continuous set
Symbol
Parameter
Test condition
Min
Typ
Max
Units
ACMd
Depth
-
SMd
0
0
dB
Table 39. Stereo blend - continuous set
Symbol
Parameter
Test condition
Min
Typ
Max
Units
MaxSep
Maximum stereo separation
field strength = 80 dBµV, pilot
deviation = 6.75 kHz
040
50
dB
SBFSsp
Start point vs. field strength
separation = MaxSep - 1 dB
no multipath present
20
50
60
dBµV
SBFSep
End point vs. field strength
separation = 1 dB
no multipath present
20
30
60
dBµV
SBFStM2S
Field strength-related
transition time from mono to
stereo
Vrf step-like variation from
20 dBµV to 80 dBµV
0.001
3
20
s
SBFStS2M
Field strength-related
transition time from stereo to
mono
Vrf step-like variation from
80 dBµV to 20 dBµV
0.001
0.5
20
s
SBMPsp
Start point vs. multipath
separation = MaxSep - 1 dB
equivalent 19 kHz AM
modulation depth;
field strength = 80 dBµV
510
80
%
SBMPep
End point vs. multipath
separation = 1 dB
equivalent 19 kHz AM
modulation depth;
field strength = 80 dBµV
530
80
%
SBMPtM2S
Multipath-related transition
time from mono to stereo
Vrf step-like variation from
20 dBµV to 80 dBµV
0.001
1
20
s
SBMPtS2M
Multipath-related transition
time from stereo to mono
Vrf step-like variation from
80 dBµV to 20 dBµV
0.001
0.001
20
s
Pil ThrM2S Pilot detector stereo threshold
Threshold on pilot tone
deviation for mono-stereo
transition
0.8
2.74
-
kHz
Pil ThrHyst
Pilot detector threshold
hysteresis
Difference in Pil. det.
deviation threshold for stereo
to mono transition compared
to PilThrM2S
-
0.01
-
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com