Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7786 Datasheet(PDF) 21 Page - STMicroelectronics

Part # TDA7786
Description  ELITE automotive tuners for AM/FM car-radio
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7786 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TDA7786 Datasheet HTML 17Page - STMicroelectronics TDA7786 Datasheet HTML 18Page - STMicroelectronics TDA7786 Datasheet HTML 19Page - STMicroelectronics TDA7786 Datasheet HTML 20Page - STMicroelectronics TDA7786 Datasheet HTML 21Page - STMicroelectronics TDA7786 Datasheet HTML 22Page - STMicroelectronics TDA7786 Datasheet HTML 23Page - STMicroelectronics TDA7786 Datasheet HTML 24Page - STMicroelectronics TDA7786 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
DocID026122 Rev 5
21/54
TDA7786, TDA7786M
Function description
53
Figure 9. I2S interface 16-bit
Figure 10. I2S interface 32/24/20/16-bit
2.16
Audio sample rate converter
The TDA7786x is equipped with internal sample rate converters (SRC) that can be
configured to modify the sampling frequency of outgoing and incoming digital audio both in
the master and in the slave SAI mode (the native audio sampling frequency of the
TDA7786x is 45.6 kHz).
The SRC is able to automatically detect the input and output sampling rates and includes a
sample clock jitter rejection function which can be enabled separately. The input signal
word-width is 20 bits, while the output signal word width can be selected as 20 bits or 16
bits. In order to properly assist in the conversion, the SRC is coupled to self-adjusting low-
pass filters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com