Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7786 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7786
Description  ELITE automotive tuners for AM/FM car-radio
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7786 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7786 Datasheet HTML 5Page - STMicroelectronics TDA7786 Datasheet HTML 6Page - STMicroelectronics TDA7786 Datasheet HTML 7Page - STMicroelectronics TDA7786 Datasheet HTML 8Page - STMicroelectronics TDA7786 Datasheet HTML 9Page - STMicroelectronics TDA7786 Datasheet HTML 10Page - STMicroelectronics TDA7786 Datasheet HTML 11Page - STMicroelectronics TDA7786 Datasheet HTML 12Page - STMicroelectronics TDA7786 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
DocID026122 Rev 5
9/54
TDA7786, TDA7786M
Block diagram and pin description
53
22
LNAout2
-
AM LNA
AM LNA output 2nd stage
23
LNAdec2
-
AM LNA decoupling 2nd stage
24
AMMIXin1
In
AM mixer
inputs
AM mixer input 1
25
AMMIXin2
In
AM mixer input 2
26
GNDSLINK
-
Supply,
ground and
reset
Internal inter-IC communication
bus ground
-
27
Vdig
In
Front-end digital 5 V supply
-
28
VCCreg1V2
In
Internal 1.2 V regulator 5 V supply
-
29
REG1V2
Out
Internal 1.2 V regulator output
30
Vreg3v3
Out
Internal 3.3 V regulator output
31
RSTN
In
Reset (low active)
Pull-up 50 kΩ to 3.3 V IO supply
32
RDSINT
Out
RDS interrupt output
Pull-down 50 kΩ to ground
-
33
SDA
In/Out
I2C interface
I2C bus data
Pull-up 50 kΩ to 3.3 V IO supply
34
SCL
In
I2C bus clock
Pull-up 50 kΩ to 3.3 V IO supply
35
VDD3V3
In
-
IO ring (3.3 V) supply
-
36
GND3V3
-
-
IO ring (3.3 V) supply
-
Table 2. Pin description (continued)
Pin
Pin name
I/O
Function
Description
Equivalent circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com