Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7786 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA7786
Description  ELITE automotive tuners for AM/FM car-radio
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7786 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA7786 Datasheet HTML 6Page - STMicroelectronics TDA7786 Datasheet HTML 7Page - STMicroelectronics TDA7786 Datasheet HTML 8Page - STMicroelectronics TDA7786 Datasheet HTML 9Page - STMicroelectronics TDA7786 Datasheet HTML 10Page - STMicroelectronics TDA7786 Datasheet HTML 11Page - STMicroelectronics TDA7786 Datasheet HTML 12Page - STMicroelectronics TDA7786 Datasheet HTML 13Page - STMicroelectronics TDA7786 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
Block diagram and pin description
TDA7786, TDA7786M
10/54
DocID026122 Rev 5
37
SAI_AUDIO_BCLK
In/Out
HD Radio™
connectivity/
Audio output
I2S interface
SAI clk
Pull-down 50 kΩ to ground,
SINE_3V3_LIN pad
38
SAI_AUDIO_WCLK
In/Out
Audio SAI word-select
Pull-down 50 kΩ to ground,
SINE_3V3_LIN pad
39
SAI_AUDIO_DO
Out
Audio SAI data output
Pull-down 50 kΩ to ground,
SINE_3V3_LIN pad
40
SAI_AUDIO_DO
In
Audio SAI data-input
Pull-down 50 kΩ to ground,
SINE_3V3_LIN pad
41
SAI_BB_BCLK
In/Out
SAI Base-Band clock
Pull-down 50 kΩ to ground,
SINE_3V3_LIN pad
42
SA_BB_WCLK
In/Out
SAI Base-Band word-select
Pull-down 50 kΩ to ground,
SINE_3V3_LIN pad
43
SAI_BB_I
Out
SAI Base-Band I data
Pull-down 50 kΩ to ground,
SINE_3V3_LIN pad
44
SAI_BB_Q
Out
SAI Base-Band Q data
Pull-down 50 kΩ to ground,
SINE_3V3_LIN pad
45
BLEND/AS
In
HD blend input
Pull-down 50 kΩ to ground
46
GND1V2
-
-
DSP core ground
-
47
VDD core 1V2
In
-
DSP core 1.2 V supply
-
48
Test
In
-
Test Mode
Pull-down 50 kΩ to ground
49
VDDPLL1V2
In
-
Digital PLL 1.2 V supply
-
50
VDDIO1V2
In
-
Internal inter-IC communication
1.2 V supply
-
51
VCC-REF
In
-
Front-end reference frequency and
regulator 5 V supply
-
Table 2. Pin description (continued)
Pin
Pin name
I/O
Function
Description
Equivalent circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com