Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7786 Datasheet(PDF) 25 Page - STMicroelectronics

Part # TDA7786
Description  ELITE automotive tuners for AM/FM car-radio
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7786 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button TDA7786 Datasheet HTML 21Page - STMicroelectronics TDA7786 Datasheet HTML 22Page - STMicroelectronics TDA7786 Datasheet HTML 23Page - STMicroelectronics TDA7786 Datasheet HTML 24Page - STMicroelectronics TDA7786 Datasheet HTML 25Page - STMicroelectronics TDA7786 Datasheet HTML 26Page - STMicroelectronics TDA7786 Datasheet HTML 27Page - STMicroelectronics TDA7786 Datasheet HTML 28Page - STMicroelectronics TDA7786 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 54 page
background image
DocID026122 Rev 5
25/54
TDA7786, TDA7786M
Function description
53
2.18
Digital-down-converter (DDC)
The complex digital mixer in the DDC performs mixing of the IF signal to zero IF. The
internal sample rate for FM/AM processing is 456 kS/s and the sample rate for FM/AM IBOC
is 912 kS/s. AM IBOC require additional filtering implemented in software.
Figure 13. Digital-down-converter simplified block diagram
Figure 14. Cumulative transfer function at output of IBOC_FM filter
Table 10. Overall filter characteristics for IBOC_FM filter
Item
Value
Unit
Pass-band edge
282
kHz
Stop-band edge
325
kHz
In-band ripple (0 kHz to 282 kHz)
<0.002
dB
Anti-alias band range
[-500 +500]
kHz
Anti-alias Attenuation
100
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com